Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX522ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX522ESA
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX522ESA Datasheet HTML 1Page - Maxim Integrated Products MAX522ESA Datasheet HTML 2Page - Maxim Integrated Products MAX522ESA Datasheet HTML 3Page - Maxim Integrated Products MAX522ESA Datasheet HTML 4Page - Maxim Integrated Products MAX522ESA Datasheet HTML 5Page - Maxim Integrated Products MAX522ESA Datasheet HTML 6Page - Maxim Integrated Products MAX522ESA Datasheet HTML 7Page - Maxim Integrated Products MAX522ESA Datasheet HTML 8Page - Maxim Integrated Products MAX522ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.5V, REF = VDD, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: The outputs may be shorted to VDD or GND if the package power dissipation is not exceeded. Typical short-circuit current to
GND is 50mA.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ................................................................ -0.3V, +6V
Digital Inputs and Outputs to GND............... -0.3V, (VDD + 0.3V)
REF ................................................................-0.3V, (VDD + 0.3V)
OUTA, OUTB (Note 1)............................................................VDD
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ..............727mW
SO (derate 5.88mW/°C above +70°C) ...........................471mW
Operating Temperature Ranges
MAX522C_ A.......................................................0°C to +70°C
MAX522E_ A....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10sec) .............................+300°C
(Note 3)
2.7V
≤ VDD ≤ 3.6V, REF = 2.4V
4.5V
≤ VDD ≤ 5.5V, REF = 4.096V
CONDITIONS
M
Ω
2
Reference Input Resistance
(shutdown mode)
k
Ω
RREF
Reference Input Resistance
8
pF
25
Reference Input Capacitance
GND
VDD
%/%
0.01
PSRR
Power-Supply Rejection Ratio
Bits
8
N
Resolution
µV/°C
100
Zero-Code Temperature
Coefficient
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Guaranteed monotonic
LSB
±1
DNL
Differential Nonlinearity
0.015
(Note 2)
LSB
±1.5
INL
Integral Nonlinearity
(Note 2)
LSB
±1
TUE
Total Unadjusted Error
Reference Input Voltage Range
V
DAC A
µF
0.1
Capacitive Load at OUT_
DAC A
Ω
50
Output Resistance
V
0
REF
Output Voltage Range
V
(0.7)(VDD)
VIH
Input High Voltage
V
(0.3)(VDD)
VIL
Input Low Voltage
VIN = 0V or VDD
µA
0.1
±10
IIN
Input Current
(Notes 4, 5)
pF
10
CIN
Input Capacitance
DAC B
DAC B
0.01
500
STATIC PERFORMANCE
REFERENCE INPUTS
DAC OUTPUTS
DIGITAL INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com