Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX522ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX522ESA
Description  Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SO Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX522ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX522ESA Datasheet HTML 1Page - Maxim Integrated Products MAX522ESA Datasheet HTML 2Page - Maxim Integrated Products MAX522ESA Datasheet HTML 3Page - Maxim Integrated Products MAX522ESA Datasheet HTML 4Page - Maxim Integrated Products MAX522ESA Datasheet HTML 5Page - Maxim Integrated Products MAX522ESA Datasheet HTML 6Page - Maxim Integrated Products MAX522ESA Datasheet HTML 7Page - Maxim Integrated Products MAX522ESA Datasheet HTML 8Page - Maxim Integrated Products MAX522ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX522 contains two 8-bit, buffered, voltage-output
digital-to-analog converters (DAC A and DAC B) in small
8-pin SO and DIP packages. DAC A’s buffer can source
and sink 5mA, and DAC B’s output can source and sink
500µA, both to within 0.5V of ground and VDD. The
MAX522 operates with a single +2.7V to +5.5V supply.
The device utilizes a 3-wire serial interface, which oper-
ates at clock rates up to 5MHz and is compatible with
SPI™, QSPI™, and Microwire™ interface standards.
The serial input shift register is 16 bits long and con-
sists of eight bits of DAC input data and eight bits for
DAC selection and shutdown control. DAC registers
can be loaded independently or in parallel at the posi-
tive edge of CS.
The MAX522’s ultra-low power consumption and small
8-pin SO package make it ideal for portable and bat-
tery-powered applications. Supply current is less than
1mA and drops below 1µA in shutdown mode. In addi-
tion, the reference input is disconnected from the REF
pin during shutdown, further reducing the system’s total
power consumption. The software format is compatible
with the MAX512/MAX513 triple 8-bit DACs.
________________________Applications
Digital Gain and Offset Adjustment
Programmable Current Source
Programmable Voltage Source
Power-Amp Bias Control
VCO Tuning
____________________________Features
o Operates from a Single +2.7V to +5.5V Supply
o Dual Buffered Voltage Output
o Low Power Consumption:
1mA Operating Current
<1µA Shutdown Current
o Independently Programmable Shutdown Mode
o 5MHz, 3-Wire Serial Interface
o SPI™, QSPI™, and Microwire™ Compatible
o Space-Saving 8-Pin SO Package
Dual, 8-Bit, Voltage-Output
Serial DAC in 8-Pin SO Package
________________________________________________________________
Maxim Integrated Products
1
DAC
LATCH
A
DAC A
DAC
LATCH
B
DAC B
SCLK
OUTA
OUTB
DIN
REF
VDD
CS
MAX522
83
1
5
6
7
2
0.1
µF
0.1
µF
(OPTIONAL)
0.01
µF
VOUTA
VOUTB
GND
4
0.22
µF
________________Functional Diagram
OUTB
VDD
OUTA
GND
1
2
8
7
DIN
REF
SCLK
CS
MAX522
TOP VIEW
3
4
6
5
DIP/SO
__________________Pin Configuration
Call toll free 1-800-998-8800 for free samples or literature.
19-0403; Rev 0; 6/95
PART
TEMP. RANGE
PIN-PACKAGE
MAX522CPA
0°C to +70°C
8 Plastic DIP
MAX522CSA
0°C to +70°C
8 SO
MAX522EPA
-40°C to +85°C
8 Plastic DIP
SPI and QSPI are trademarks of Motorola Inc.
Microwire is a trademark of National Semiconductor Corp.
______________Ordering Information
MAX522ESA
-40°C to +85°C
8 SO


Similar Part No. - MAX522ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5222EKA-T MAXIM-MAX5222EKA-T Datasheet
527Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
MAX5223EKA-T MAXIM-MAX5223EKA-T Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
More results

Similar Description - MAX522ESA

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
logo
Linear Technology
LTC1257 LINER-LTC1257 Datasheet
260Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
logo
Maxim Integrated Produc...
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5222 MAXIM-MAX5222 Datasheet
527Kb / 12P
Dual, 8-Bit, Voltage-Output Serial DAC in 8-Pin SOT23
19-1720; Rev 0; 4/00
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5223 MAXIM-MAX5223 Datasheet
222Kb / 11P
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01
logo
Linear Technology
LTC1257 LINER-LTC1257_01 Datasheet
141Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC1257 LINER-LTC1257_15 Datasheet
206Kb / 12P
Complete Single Supply 12-Bit Voltage Output DAC in SO-8
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
Serial 12-Bit Multiplying DAC in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com