Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5253BC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5253BC/D
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253BC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5253BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
12
______________________________________________________________________________________
DIN
CS
TO OTHER
SERIAL DEVICES
MAX5253
SCLK
DIN
CS
DOUT
MAX5253
SCLK
DIN
CS
DOUT
MAX5253
SCLK
DIN
CS
DOUT
SCLK
Figure 7. Daisy-Chaining MAX5253s
TO OTHER
SERIAL DEVICES
MAX5253
DIN
SCLK
CS
MAX5253
DIN
SCLK
CS
MAX5253
DIN
SCLK
CS
DIN
SCLK
CS1
CS2
CS3
Figure 8. Multiple MAX5253s Sharing a Common DIN Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com