Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5253BC/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5253BC/D
Description  3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5253BC/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5253BC/D Datasheet HTML 3Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX5253BC/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
+3V, Quad, 12-Bit Voltage-Output DAC
with Serial Interface
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
Serial-Data Input
DIN
9
Serial Clock Input
SCLK
10
Digital Ground
DGND
11
Serial-Data Output
DOUT
12
User-Programmable Logic Output
UPO
13
DAC B Output Amplifier Feedback
FBB
5
Reference Voltage Input for DAC A and DAC B
REFAB
6
Clears All DACs and Registers. Resets all outputs (OUT_, UPO, DOUT) to 0, active low.
CL
7
Chip-Select Input. Active low.
CS
8
DAC B Output Voltage
OUTB
4
DAC A Output Voltage
OUTA
3
PIN
DAC A Output Amplifier Feedback
FBA
2
Analog Ground
AGND
1
FUNCTION
NAME
Power-Down Lockout. Active low. Locks out software shutdown if low.
PDL
14
Reference Voltage Input for DAC C and DAC D
REFCD
15
DAC C Output Amplifier Feedback
FBC
16
DAC C Output Voltage
OUTC
17
DAC D Output Voltage
OUTD
18
DAC D Output Amplifier Feedback
FBD
19
Positive Power Supply
VDD
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com