Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2980 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 7Page - Seiko Instruments Inc SL2980 Datasheet HTML 8Page - Seiko Instruments Inc SL2980 Datasheet HTML 9Page - Seiko Instruments Inc SL2980 Datasheet HTML 10Page - Seiko Instruments Inc SL2980 Datasheet HTML 11Page - Seiko Instruments Inc SL2980 Datasheet HTML 12Page - Seiko Instruments Inc SL2980 Datasheet HTML 13Page - Seiko Instruments Inc SL2980 Datasheet HTML 14Page - Seiko Instruments Inc SL2980 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-L2980 Series
Seiko Instruments Inc.
11
Operation
1. Basic Operation
Figure 11 shows the block diagram of the S-L2980 Series.
The error amplifier compares the reference voltage (Vref) with feedback voltage (Vfb), which is the output
voltage resistance-divided by feedback resistors (Rs and Rf). It supplies the gate voltage necessary to
maintain the constant output voltage which is not influenced by the input voltage and temperature
change, to the output transistor.
*1
*1. Parasitic diode
VSS
Current
supply
−
+
Vfb
Vref
VIN
VOUT
Rf
Rs
Error
amplifier
Reference
voltage
circuit
Figure 11
2. Output Transistor
In the S-L2980 Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN + 0.3 V to prevent the voltage regulator from being damaged due
to inverse current flowing from the VOUT pin through a parasitic diode to the VIN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com