Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL2980 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # SL2980
Description  HIGH RIPPLE-REJECTION AND LOW DROPOUT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SL2980 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button SL2980 Datasheet HTML 9Page - Seiko Instruments Inc SL2980 Datasheet HTML 10Page - Seiko Instruments Inc SL2980 Datasheet HTML 11Page - Seiko Instruments Inc SL2980 Datasheet HTML 12Page - Seiko Instruments Inc SL2980 Datasheet HTML 13Page - Seiko Instruments Inc SL2980 Datasheet HTML 14Page - Seiko Instruments Inc SL2980 Datasheet HTML 15Page - Seiko Instruments Inc SL2980 Datasheet HTML 16Page - Seiko Instruments Inc SL2980 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_00
S-L2980 Series
Seiko Instruments Inc.
13
Precautions
• Wiring patterns for VIN pin, VOUT pin and GND pin should be designed to hold low impedance. When
mounting an output capacitor between the VOUT and VSS pins (CL) and a capacitor for stabilizing the
input between VIN and VSS pins (CIN), the distance from the capacitors to these pins should be as short
as possible.
• Note that output voltage may increase when a series regulator is used at low load current (1.0 mA or less).
• Generally a series regulator may cause oscillation, depending on the selection of external parts. The
following conditions are recommended for this IC. However, be sure to perform sufficient evaluation under
the actual usage conditions for selection, including evaluation of temperature characteristics.
Input capacitor (CIN):
0.47
μF or more
Output capacitor (CL):
1.0
μF or more*1
Equivalent Series Resistance (ESR): 10
Ω or less
Input series resistance (RIN):
10
Ω or less
*1. If the product whose output voltage will be is 1.7 V or less is used, the capacitance should be 2.2
μF
or more.
• A voltage regulator may oscillate when the impedance of the power supply is high and the input capacitor
is small or not connected.
• Overshoot may occur in the output voltage momentarily if the voltage is rapidly raised at power-on or
when the power supply fluctuates. Sufficiently evaluate the output voltage at power-on with the actual
device.
• The application condition for input voltage, output voltage and load current should not exceed the package
power dissipation.
• Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
• In determining output current attention should be paid to the output current value specified in the Table 4
for “ Electrical Characteristics” and the footnote *5.
• SII claims no responsibility for any and all disputes arising out of or in connection with any infringement of
the products including this IC upon patents owned by a third party.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com