Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX521 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX521
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX521 Datasheet HTML 1Page - Maxim Integrated Products MAX521 Datasheet HTML 2Page - Maxim Integrated Products MAX521 Datasheet HTML 3Page - Maxim Integrated Products MAX521 Datasheet HTML 4Page - Maxim Integrated Products MAX521 Datasheet HTML 5Page - Maxim Integrated Products MAX521 Datasheet HTML 6Page - Maxim Integrated Products MAX521 Datasheet HTML 7Page - Maxim Integrated Products MAX521 Datasheet HTML 8Page - Maxim Integrated Products MAX521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±10%, VREF_ = 4V, RL = ∞ (MAX520), RL = 10kΩ (MAX521), CL = 0pF (MAX520), CL = 100pF (MAX521), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C)
(Note 3)
30
CONDITIONS
Input Capacitance
16
24
RIN
Input Resistance
REF4
MAX520_
MAX521_
Input Current
-60
V
0VDD
Input Voltage Range
dB
-70
µA
±10
REF4
PD = 1
46
Code =
55 hex
(Note 1)
k
Ω
812
MAX520_
REF0–REF3
Channel-to-Channel Isolation
dB
-70
AC Feedthrough
120
Code =
FF hex
(Note 2)
pF
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
30
MAX520_
REF0–REF3
15.8
16
16.2
V
0VDD
Full-Scale Output Voltage
k
Ω
8.4
16.4
Output Resistance (Note 5)
MAX521_, OUT_ = 4V,
0mA to 2.5mA
0.25
15.6
16
16.4
MAX521_, OUT_ = 0V to VDD,
PD = 1
µA
±10
Output Leakage Current
V
0.3VDD
VIL
Input Low Voltage
(Note 5)
V
0.05VDD
VHYST
Input Hysteresis
0V
≤ VIN ≤ VDD
µA
±10
IIN
Input Current
V
0.7VDD
VIH
Input High Voltage
MAX521BM, VREF_ = VDD,
code = FF hex, 0µA to 500µA
LSB
2.0
Output Load Regulation
(Note 5)
pF
10
CIN
Input Capacitance
V
0.8
VIL
Input Low Voltage
VIN = 0V to VDD
µA
±10
IIN
Input Leakage
V
2.4
VIH
Input High Voltage
MAX520B
MAX521_C/E, VREF_ = VDD,
code = FF hex, 0µA to 500µA
1.5
ISINK = 6mA
0.6
VOL
Output Low Voltage
(Note 5)
pF
10
COUT
Three-State Output Capacitance
VIN = 0V to VDD
µA
±10
IL
Three-State Leakage Current
ISINK = 3mA
V
0.4
REFERENCE INPUTS
DIGITAL INPUTS SCL, SDA
DIGITAL INPUTS AD0, AD1
DIGITAL OUTPUT SDA (Note 6)
(Note 4)
DAC OUTPUTS
MAX521_
MAX521_
MAX520A
TA = +25°C
TA = TMIN to TMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com