Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX521 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX521
Description  Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX521 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX521 Datasheet HTML 1Page - Maxim Integrated Products MAX521 Datasheet HTML 2Page - Maxim Integrated Products MAX521 Datasheet HTML 3Page - Maxim Integrated Products MAX521 Datasheet HTML 4Page - Maxim Integrated Products MAX521 Datasheet HTML 5Page - Maxim Integrated Products MAX521 Datasheet HTML 6Page - Maxim Integrated Products MAX521 Datasheet HTML 7Page - Maxim Integrated Products MAX521 Datasheet HTML 8Page - Maxim Integrated Products MAX521 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Quad/Octal, 2-Wire Serial 8-Bit DACs
with Rail-to-Rail Outputs
4
_______________________________________________________________________________________
Note 1: Input resistance is code dependent. The lowest input resistance occurs at code = 55 hex.
Note 2: Input capacitance is code dependent. The highest input capacitance occurs at code = FF hex.
Note 3: VREF_ = 4Vp-p, 10kHz. Channel-to-channel isolation is measured by setting the code of one DAC to FF hex and setting the
code of all other DACs to 00 hex.
Note 4: VREF_ = 4Vp-p, 10kHz, DAC code = 00 hex.
Note 5: Guaranteed by design.
Note 6: I2C-compatible mode.
Note 7: Output settling time is measured by taking the code from 00 hex to FF hex, and from FF hex to 00 hex.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 5V ±10%, VREF_ = 4V, RL = ∞ (MAX520), RL = 10kΩ (MAX521), CL = 0pF (MAX520), CL = 100pF (MAX521), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C)
MAX521BM
MAX521_C
0.7
MAX521_E
MAX520_
1.0
MAX521_C
MAX521_E/BM
Power-down mode (PD = 1)
10
20
420
Positive and negative
CONDITIONS
V/µs
0.5
Voltage Output Slew Rate
Operating mode, out-
put unloaded, all dig-
ital inputs 0V or VDD
mA
420
IDD
10
24
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX520_, to 1/2LSB, no load
µs
2
Output Settling Time
Code = 00 hex, all digital inputs from
0V to VDD
nV-s
5
Digital Feedthrough
MAX521_, to 1/2LSB, 10k
Ω and
100pF load (Note 7)
6
Code 128 to 127
nV-s
12
Digital-Analog Glitch Impulse
VREF_ = 4Vp-p at 1kHz, VDD = 5V,
code = FF hex
dB
87
SINAD
Signal to Noise + Distortion Ratio
VREF_ = 4Vp-p, 3dB bandwidth
MHz
1
Multiplying Bandwidth
MAX521_
µVRMS
60
Wideband Amplifier Noise
V
4.5
5.5
VDD
Supply Voltage
µA
µA
DYNAMIC PERFORMANCE
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com