Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1702 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button S1702 Datasheet HTML 29Page - Seiko Instruments Inc S1702 Datasheet HTML 30Page - Seiko Instruments Inc S1702 Datasheet HTML 31Page - Seiko Instruments Inc S1702 Datasheet HTML 32Page - Seiko Instruments Inc S1702 Datasheet HTML 33Page - Seiko Instruments Inc S1702 Datasheet HTML 34Page - Seiko Instruments Inc S1702 Datasheet HTML 35Page - Seiko Instruments Inc S1702 Datasheet HTML 36Page - Seiko Instruments Inc S1702 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.1_00
S-1702 Series
Seiko Instruments Inc.
33
Characteristics (Typical Data)
1. Entire circuit
Current consumption during operation
*1 vs. Input voltage (Ta = +25°C)
VOUT = 1.5 V
VOUT = 3.1 V
02
5
6
7
10
8
0
VIN [V]
13
4
12
6
4
2
Ta = 85
°C
Ta = 25
°C
Ta =
−40°C
02
5
6
7
10
8
0
VIN [V]
13
4
12
6
4
2
Ta = 85
°C
Ta = 25
°C
Ta =
−40°C
VOUT = 5.5 V
02
5
6
7
10
8
0
VIN [V]
13
4
12
6
4
2
Ta = 85
°C
Ta = 25
°C
Ta =
−40°C
*1.
Excluding current flowing in pull-up and pull-down resistors connected to the ON / OFF or RESX pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com