Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1702 Datasheet(PDF) 39 Page - Seiko Instruments Inc

Part # S1702
Description  SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1702 Datasheet(HTML) 39 Page - Seiko Instruments Inc

Back Button S1702 Datasheet HTML 35Page - Seiko Instruments Inc S1702 Datasheet HTML 36Page - Seiko Instruments Inc S1702 Datasheet HTML 37Page - Seiko Instruments Inc S1702 Datasheet HTML 38Page - Seiko Instruments Inc S1702 Datasheet HTML 39Page - Seiko Instruments Inc S1702 Datasheet HTML 40Page - Seiko Instruments Inc S1702 Datasheet HTML 41Page - Seiko Instruments Inc S1702 Datasheet HTML 42Page - Seiko Instruments Inc S1702 Datasheet HTML 43Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.1_00
S-1702 Series
Seiko Instruments Inc.
39
Reference Data
1. Input transient response characteristics (Ta =
+25°C)
IOUT = 30 mA, tr = tf = 5.0 μs, CL = 1.0 μF, CIN = 1.0 μF
VOUT = 1.5 V, VIN = 2.5 V ↔ 3.5 V
IOUT = 30 mA, tr = tf = 5.0 μs, CL = 1.0 μF, CIN = 1.0 μF
VOUT = 3.1 V, VIN = 4.1 V ↔ 5.1 V
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
1.44
t [
μs]
4.0
3.0
2.5
2.0
0
0.5
1.0
1.5
3.5
−50
200
300
0
50 100 150
250
350
−100
VOUT
VIN
3.35
3.30
3.25
3.20
3.15
3.10
3.05
3.00
2.95
t [
μs]
5.5
4.5
4.0
3.5
1.5
2.0
2.5
3.0
5.0
−50
200
300
0
50 100 150
250
350
−100
VOUT
VIN
2. Load transient response characteristics (Ta =
+25°C)
VIN = 2.5 V, CL = 1.0 μF, CIN = 1.0 μF
VOUT = 1.5 V, IOUT = 50 mA ↔ 100 mA
VIN = 4.0 V, CL = 1.0 μF, CIN = 1.0 μF
VOUT = 3.1 V, IOUT = 50 mA ↔ 100 mA
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
t [
μs]
150
50
0
−200
−150
−100
−50
100
−50
200
300
0
50 100 150
250
350
−100
VOUT
IOUT
3.30
3.25
3.20
3.15
3.10
3.05
3.00
2.95
t [
μs]
150
50
0
−50
−200
−150
−100
100
−50
200
300
0
50 100 150
250
350
−100
VOUT
IOUT
VIN = 6.0 V, CL = 1.0 μF, CIN = 1.0 μF
VOUT = 5.5 V, IOUT = 50 mA ↔ 100 mA
6.40
6.20
6.00
5.80
5.60
5.40
5.20
5.00
t [
μs]
150
50
0
−50
−200
−150
−100
100
−50
200
300
0
50 100 150
250
350
−100
VOUT
IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com