Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5351BC/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX5351BC/D
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5351BC/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX5351BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
12
______________________________________________________________________________________
Figure 7 shows a method of connecting several
MAX535/MAX5351s. In this configuration, the clock and
the data bus are common to all devices and separate
chip-select lines are used for each IC.
__________Applications Information
Unipolar Output
For a unipolar output, the output voltage and the refer-
ence input have the same polarity. Figure 8 shows the
MAX535/MAX5351 unipolar output circuit, which is also
the typical operating circuit. Table 2 lists the unipolar
output codes.
For rail-to-rail output, see Figure 9. This circuit shows
the MAX535/MAX5351 with the output amplifier config-
ured with a closed-loop gain of +2 to provide 0V to 5V
full-scale range when a 2.5V reference is used. When
using the MAX5351 with a 1.25V reference, this circuit
provides a 0V to 2.5V full-scale range.
Bipolar Output
The MAX535/MAX5351 output can be configured for
bipolar operation using Figure 10’s circuit.
VOUT = VREF [(2NB / 8192) - 1]
where NB is the numeric value of the DAC’s binary input
code. Table 3 shows digital codes (offset binary) and
the corresponding output voltage for Figure 10’s circuit.
Using an AC Reference
In applications where the reference has AC-signal com-
ponents, the MAX535/MAX5351 have multiplying capa-
bility within the reference input range specifications.
Figure 11 shows a technique for applying a sine-wave
signal to the reference input where the AC signal is off-
set before being applied to REF. The reference voltage
must never be more negative than GND.
TO OTHER
SERIAL DEVICES
MAX535
MAX5351
DIN
SCLK
CS
MAX535
MAX5351
DIN
SCLK
CS
MAX535
MAX5351
DIN
SCLK
CS
DIN
SCLK
CS1
CS2
CS3
Figure 7. Multiple MAX535/MAX5351s Sharing Common DIN and SCLK Lines
Table 2. Unipolar Code Table
ANALOG OUTPUT
11111
1111
1111
10000
0000
0001
DAC CONTENTS
MSB
LSB
10000
0000
0000
01111
1111
1111
00000
0000
0000
0V
00000
0000
0001
+V
8191
8192
REF


+V
4097
8192
REF


+V
4096
8192
REF


=
+VREF
2
+V
4095
8192
REF


+V
1
8192
REF





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com