Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5351BC/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5351BC/D
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5351BC/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5351BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 13Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 14Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 15Page - Maxim Integrated Products MAX5351BC/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
______________________________________________________________________________________
13
The MAX535’s total harmonic distortion plus noise (THD
+ N) is typically less than -77dB (full-scale code), and
the MAX5351’s THD + N is typically less than -72dB
(full-scale code), given a 1Vp-p signal swing and input
frequencies up to 25kHz. The typical -3dB frequency is
650kHz for both devices, as shown in the
Typical
Operating Characteristics graphs.
Digitally Programmable Current Source
The circuit of Figure 12 places an NPN transistor
(2N3904 or similar) within the op-amp feedback loop to
implement a digitally programmable, unidirectional cur-
rent source. This circuit can be used to drive 4–20mA
current loops, which are commonly used in industrial-
control applications. The output current is calculated
with the following equation:
IOUT = (VREF / R) x (NB / 8192)
where NB is the numeric value of the DAC’s binary
input code and R is the sense resistor shown in
Figure 12.
MAX535
MAX5351
DAC
REF
OUT
FB
GND
+5V/+3.3V
VDD
Figure 8. Unipolar Output Circuit
Table 3. Bipolar Code Table
MAX535
MAX5351
DAC
REF
OUT
10k
10k
GND
+5V/+3.3V
VDD
FB
Figure 9. Unipolar Rail-to-Rail Output Circuit
ANALOG OUTPUT
11111
1111
1111
10000
0000
0001
DAC CONTENTS
MSB
LSB
10000
0000
0000
0V
01111
1111
1111
00000
0000
0000
00000
0000
0001
+V
4095
4096
REF


+V
1
4096
REF


-V
1
4096
REF


-V
4095
4096
REF


-V
4096
4096
-V
REF
REF


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com