Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78XXL-T2Q-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LM78XXL-T2Q-R
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM78XXL-T2Q-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LM78XXL-T2Q-R Datasheet HTML 5Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 6Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 7Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 8Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 9Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 10Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 11Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 12Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R101-006.U
NOTES FOR USE(Cont.)
9. Ground Wiring Pattern
When using both small signal and large current GND patterns, it is recommended to isolate the two ground
patterns, placing a single ground point at the ground potential of application so that the pattern wiring resistance
and voltage variations caused by large currents do not cause variations in the small signal ground voltage. Be
careful not to change the GND wiring pattern of any external components, either.
10. Damage to the internal circuit or element may occur when the polarity of the VCC pin is opposite to that of
the other pins in applications.
(I.e. VCC is shorted with the GND pin while an external capacitor is charged.)
Use a maximum capacitance of 1000μF for the output pins. Inserting a diode to prevent back-current flow in
series with VCC or bypass diodes between VCC and each pin is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com