Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78XXL-T2Q-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # LM78XXL-T2Q-R
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM78XXL-T2Q-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button LM78XXL-T2Q-R Datasheet HTML 5Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 6Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 7Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 8Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 9Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 10Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 11Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 12Page - Unisonic Technologies LM78XXL-T2Q-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R101-006.U
TYPICAL CHARACTERISTICS
-25
-50
Output Voltage Change vs. Junction Temperature
Junction Temperature, TJ (℃)
50 75
150
0100
Output Voltage vs. Input Voltage
Input Voltage, VIN (V)
0
2
3
7
10
04
8
10
12
-200
-100
0
50
100
200
25
125
-150
-50
150
6
2
1
4
5
6
8
9
IO=0A
IO=1A
IO=0.5A
IO=5mA
TJ=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com