Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317MG-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM317MG-AA3-R
Description  MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317MG-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM317MG-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM317M
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R101-014.J
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input-Output Voltage Differential
VIN-VOUT
40
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-223
θJA
165
°C/W
SOP-8
175
TO-220/TO-263
65
TO-252
112
Junction to Case
SOT-223
θJC
24
°C/W
SOP-8
27
TO-220/TO-263
5.5
TO-252
13
ELECTRICAL CHARACTERISTICS
(VIN-VOUT=5V, IOUT=0.1A, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Line Regulation
VOUT/VOUT 3V≦VIN-VOUT≦40V
0.01 0.04
%/V
Load Regulation
VOUT
10mA≦IOUT≦0.5A
VOUT≦5V
5
25
mV
VOUT≧5V
0.1
0.5
%
Adjustable Pin Current
IADJ
50
100
μA
Adjustable Pin Current Change
IADJ
3V≦VIN-VOUT≦40V,
10mA≦IOUT≦0.5A, PD<7.5W
0.2
5
μA
Reference Voltage
VREF
3V≦VIN-VOUT≦40V,
10mA≦IOUT≦0.5A, PD<7.5W
1.20 1.25 1.30
V
Temperature Stability
TMIN≦TJ≦TMAX
0.7
%/VOUT
Minimum Load Current for Regulation
IL(MIN)
VIN-VOUT=40V
3.5
10
mA
Maximum Output Current
IO(MAX)
VIN-VOUT=40V, PD≦7.5W
0.1
0.2
A
RMS Noise vs. %of VOUT
eN
10HZ≦f≦10KHZ
0.003
%/VOUT
Ripple Rejection
RR
VOUT=10V,f=120HZ
CADJ=0
65
dB
CADJ=10F66
80
Note: CADJ is connected between Adjust pin and Ground.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com