Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317MG-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM317MG-AA3-R
Description  MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM317MG-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM317MG-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM317MG-AA3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM317M
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R101-014.J
MEDIUM CURRENT 1.2V TO
37V ADJUSTABLE VOLTAGE
REGULATOR
DESCRIPTION
The UTC LM317M is an adjustable 3-terminal positive
voltage regulator, designed to supply 500mA of output current
with voltage adjustable from 1.2V ~ 37V.
FEATURES
*Output Voltage Adjustable From 1.2V ~ 37V
*Output Current In Excess of 500mA
*Internal Thermal Overload Protection
*Internal Short Circuit Current Limiting
*Output Transistor Safe Area Compensation
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
-
LM317MG-AA3-R
SOT-223
ADJ
O
I
-
-
-
-
-
Tape Reel
LM317ML-TA3-T
LM317MG-TA3-T
TO-220
ADJ
O
I
-
-
-
-
-
Tube
LM317ML-TN3-R
LM317MG-TN3-R
TO-252
ADJ
O
I
-
-
-
-
-
Tape Reel
LM317ML-TQ2-T
LM317MG-TQ2-T
TO-263
ADJ
O
I
-
-
-
-
-
Tube
LM317ML-TQ2-R
LM317MG-TQ2-R
TO-263
ADJ
O
I
-
-
-
-
-
Tape Reel
-
LM317MG-S08-R
SOP-8
I
O
O ADJ x
O
O
x
Tape Reel
Note: Pin Assignment: I:VIN O:VOUT
x: NC


Similar Part No. - LM317MG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317MG-AA3-R UTC-LM317MG-AA3-R Datasheet
251Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317MG-AA3-R UTC-LM317MG-AA3-R Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317MG-AA3-R UTC-LM317MG-AA3-R Datasheet
299Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - LM317MG-AA3-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Unisonic Technologies
LM317A UTC-LM317A Datasheet
256Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_11 Datasheet
227Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_11 Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M ETL-LM317M Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317M UTC-LM317M_V01 Datasheet
299Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com