Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED25W-024 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VLED25W-024
Description  Dimmable LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED25W-024 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VLED25W-024 Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED25W-024 Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED25W-024 Datasheet HTML 3Page - List of Unclassifed Manufacturers VLED25W-024 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
VLED-25W Series
Dimmable LED Drivers
Constant Current & Constant Voltage
Plastic Housing
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
60 Amps max @ 230 Vac, cold start 25ºC
Input AC Current:
0.4 A max @ 100Vac, 0.2 A max @ 220Vac
Maximum Power:
26W
THD:
<_ 20% @ full load
Line Regulation:
± 1% Constant Current, ± 2% Constant Voltage
Load Regulation:
± 3%
Leakage Current:
0.75 mA max @ 277Vac 60Hz
Turn-on Delay:
0.6S @ 110Vac, 0.3S @ 220Vac Typical
Ripple and Noise:
3-4% V
o
Protection:
Over-Voltage, Over-Current, Over-Load and
Short Circuit Protection with self-recovery
Environmental Specifications
Minimum Starting Temp: -40ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
200,000 Hr (cc) or 130,000 Hr (cv) @ 110Vac,
80% load and 25ºC (MIL-HDBK-217F)
Lifetime:
91,000 Hours @ 120Vac, 80% load and 60ºC ambient
EMC:
FCC 47CFR Part 15 Class B compliant
Weight:
200 g
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
VLED25W-075-C0350-XX
350
38-75
26
86%
VLED25W-056-C0450-XX
450
28-56
26
85%
VLED25W-037-C0700-XX
700
19-37
26
85%
VLED25W-025-C1050-XX
1050
13-25
26
84%
VLED25W-019-C1400-XX
1400
10-19
26
82%
VLED25W-015-C1750-XX
1750
8-15
26
81%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
VLED25W-024
24
0-1080
26
84%
VLED25W-036
36
0-720
26
85%
VLED25W-048
48
0-540
26
86%
Class 2:
US/Canada
US Only
E332160
Sign Components Manual
Ordering Options:
-D:
0-10V dimmable version comes with an extra three wires +Purple/-Gray/Yellow on
the output side. 0-10V Dimming is compatible with most quality 0-10V wall dimmers
and direct 0-10V analog signal. See page 2 for additional specifications.
-XX indicates dimming options are available. See options at left. Blank = fixed current output
Rev 8-25-15
• Total Power: 25 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor with Active Correction
• Output Protection & Lightning Protection
• UL8750 and EN61347


Similar Part No. - VLED25W-024

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
VLED15 CUI-VLED15 Datasheet
146Kb / 5P
LED DRIVER
VLED15 CUI-VLED15 Datasheet
281Kb / 5P
LED DRIVER
09/16/2013
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
171Kb / 5P
LED DRIVER
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
146Kb / 5P
LED DRIVER
More results

Similar Description - VLED25W-024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-130-C0300-HL-XY-HV ETC2-LED40W-130-C0300-HL-XY-HV Datasheet
767Kb / 4P
Fixed Output and Dimmable Switch Mode LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
Dimmable LED Drivers
VLED40W-120-C0350-XX ETC2-VLED40W-120-C0350-XX Datasheet
722Kb / 4P
Dimmable LED Drivers
VLED50W-149-C0350-XX ETC2-VLED50W-149-C0350-XX Datasheet
818Kb / 4P
Dimmable LED Drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692 Datasheet
787Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 1
logo
Dialog Semiconductor
IW3602-00 DIALOG-IW3602-00 Datasheet
1Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
logo
Recom International Pow...
REPOT RECOM-REPOT Datasheet
389Kb / 3P
suitable for 1-10V dimmable LED drivers
logo
Diodes Incorporated
AL1692 DIODES-AL1692_17 Datasheet
424Kb / 15P
DIMMABLE LED CONTROLLER/DRIVERS
Rev 2
logo
Renesas Technology Corp
IW3602-30C RENESAS-IW3602-30C Datasheet
1Mb / 16P
AC/DC Digital Power Controllers for Dimmable LED Drivers
07-Apr-2022
IW3602 RENESAS-IW3602 Datasheet
2Mb / 18P
AC/DC Digital Power Controller for Dimmable LED Drivers
31-May-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com