Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED25W-024 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VLED25W-024
Description  Dimmable LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED25W-024 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VLED25W-024 Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED25W-024 Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED25W-024 Datasheet HTML 3Page - List of Unclassifed Manufacturers VLED25W-024 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 4
SSL Solutions Faster Than The Speed Of Light®
350mA model
450mA model
700mA model
1050mA model
1400mA model
1750mA model
50%
Normalized Output Voltage
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
Power Factor Characteristics (constant current models)
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Voltage
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
66%
71%
76%
81%
86%
91%
66%
71%
76%
81%
86%
91%
66%
71%
76%
81%
86%
91%
66%
70%
68%
74%
78%
82%
72%
76%
80%
84%
86%
66%
70%
68%
74%
78%
82%
72%
76%
80%
84%
66%
70%
68%
74%
78%
72%
76%
80%
82%
350mA model
450mA model
700mA model
1050mA model
1400mA model
1750mA model
Efficiency / Load (constant current models)
VLED25W Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com