Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED25W-048 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VLED25W-048
Description  Dimmable LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED25W-048 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VLED25W-048 Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED25W-048 Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED25W-048 Datasheet HTML 3Page - List of Unclassifed Manufacturers VLED25W-048 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
WIRE SPECS:
AC Input: UL1015 #18AWG
DC Output: UL1007 #18AWG
Dimming Control: UL1015 #22AWG
Dimming
Gray Dim- (GND)
Purple Dim+ (1-10V)
Yellow Vaux (12V)
Input
White (N)
Black (L)
Output
Red(+)
Black(-)
30
Case Temperature (°C)
Lifetime / Case Temperature
0
45
30
15
60
75
105
90
120
135
40
50
60
70
80
90
Derating Curve
100
80
60
40
20
0
Ambient Temperature (°C)
120Vac
277Vac
-20
-40 -30
-10 0
10 20 30 40 50 60 70
Total Harmonic Distortion
700mA model
50%
Normalized Output Voltage
0%
3%
6%
9%
15%
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
12%
Safety and EMC Compliance
UL/CUL
UL8750, UL935, UL1012, UL1310 Class 2,
CSA-C22.2 No. 107.1, CSA-C22.2 NO. 223-M91 Class 2
C E
EN61347-1, EN61347-2-13
FCC Part 15 Class B
ANSI C63.4: 2009
EN55015
Conducted emission Test & Radiated emission Test
EN61000-3-2
Harmonic current emissions
EN61000-3-3
Voltage fluctuations & flicker
EN61000-4-2
Electrostatic Discharge (ESD): ±4kV contact discharge, ±8kV air discharge
EN61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN61000-4-4
Electrical Fast Transient / Burst-EFT: Level 3, Criteria A
EN61000-4-5
Surge Immunity Test: AC Power Line: line to line 2 kV, line to earth 4 kV
EN61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN61000-4-8
Power Frequency Magnetic Field Test
EN61000-4-11
Voltage Dips
EN61547
Electromagnetic Immunity Requirements Applies To Lighting Equipment
ANSI/IEEE
C62.41-1991
Transient Protection, power supply shall comply with Class A operation.
The line transient shall consist of seven strikes of a 100 kHz ring wave,
2.5 kV level, for both common mode and differential mode.
VLED25W Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com