Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED25W-048 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VLED25W-048
Description  Dimmable LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLED25W-048 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VLED25W-048 Datasheet HTML 1Page - List of Unclassifed Manufacturers VLED25W-048 Datasheet HTML 2Page - List of Unclassifed Manufacturers VLED25W-048 Datasheet HTML 3Page - List of Unclassifed Manufacturers VLED25W-048 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimming Control
Note: Do not connect Dim- to V-
Parameters
Minimum
Typical
Maximum
12V output voltage
10.8V
12V
13.2V
12V output source current
0 mA
—
20mA
Absolute maximum voltage on the 1-10v input pin
0V
—
15V
Source current on 1-10V input pin
0µA
—
200µA
The dimmer control is operated from an input signal of 1 – 10 Vdc. Recommended implementation provided below.
Typical Analog 0-10V Dimming Circuit
Dim+ (Purple)
V+ (Red)
V- (Blue)
Vaux (Yellow)
Vac
L
N
G
0-10V Dimmer
Dim- (Gray)
VLED25W-XXX-CXXXX-D
Dimming Voltage (V)
Output Current / Dimming Voltage
0%
20%
40%
60%
80%
100%
0
1
2
3
4
5
6
7
9
8
10
Rx (kΩ)
Output Current / Rx
0%
20%
40%
60%
80%
100%
0
0.5
1
1.5
2
2.5
3
3.5
4.5
4
5
Rx (kΩ)
Output Current / Rx
0%
20%
40%
60%
80%
100%
0 1 2 3 4 5 6 7
9
8
10 11 12 13 14 15 16
24V model
36V model
48V model
50%
Normalized Output Current
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
Power Factor Characteristics (constant voltage models)
120Vac
220Vac
277Vac
50%
Normalized Output Current
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Current
0.70
0.65
0.60
0.75
0.80
0.85
0.90
0.95
1.00
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
24V model
36V model
48V model
50%
Normalized Output Current
74%
72%
70%
76%
78%
80%
82%
84%
86%
74%
72%
70%
76%
78%
80%
82%
84%
86%
60%
70%
80%
90%
100%
Efficiency / Load (constant voltage models)
120Vac
220Vac
277Vac
50%
Normalized Output Current
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
50%
Normalized Output Current
76%
74%
72%
70%
78%
80%
82%
84%
86%
88%
60%
70%
80%
90%
100%
120Vac
220Vac
277Vac
VLED25W Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com