Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL5NJ024 Datasheet(PDF) 2 Page - International Rectifier

Part # IRL5NJ024
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL5NJ024 Datasheet(HTML) 2 Page - International Rectifier

  IRL5NJ024 Datasheet HTML 1Page - International Rectifier IRL5NJ024 Datasheet HTML 2Page - International Rectifier IRL5NJ024 Datasheet HTML 3Page - International Rectifier IRL5NJ024 Datasheet HTML 4Page - International Rectifier IRL5NJ024 Datasheet HTML 5Page - International Rectifier IRL5NJ024 Datasheet HTML 6Page - International Rectifier IRL5NJ024 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRL5NJ024
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
—
—
3.57
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
17
ISM
Pulse Source Current (Body Diode) ➀
——
68
VSD
Diode Forward Voltage
—
—
1.3
V
Tj = 25°C, IS = 11A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
90
nS
Tj = 25°C, IF = 11A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
—
—
200
nC
VDD ≤ 25V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.057 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.060
VGS = 10V, ID = 11A
„
–––
––– 0.075
Ω
VGS = 5.0V, ID = 11A
„
–––
––– 0.105
VGS = 4.0V, ID = 9.0A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
6.5
–––
–––
S
VDS = 25V, ID = 11 A
–––
–––
25
µA
VDS = 55V, VGS = 0V
–––
–––
250
VDS = 44V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -16V
Qg
Total Gate Charge
–––
–––
15
ID = 11A
Qgs
Gate-to-Source Charge
–––
–––
3.7
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
8.5
VGS = 5.0V
td(on)
Turn-On Delay Time
–––
–––
11
VDD = 28V
tr
Rise Time
–––
–––
133
ns
ID = 11A
td(off)
Turn-Off Delay Time
–––
–––
35
RG = 12 Ω
tf
Fall Time
–––
–––
66
VGS = 5.0V
LS + LD
Total Inductance
–––
4.0
–––
nH
Measured from the center of
drain pad to center of source pad
Ciss
Input Capacitanc
–––
514
–––
VGS = 0V, VDS = 25V
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
Crss
Reverse Transfer Capacitance
–––
51
–––
Coss
Output Capacitance
–––
137
–––
pF
ƒ = 1.0MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com