Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRL5NJ024 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL5NJ024
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL5NJ024 Datasheet(HTML) 1 Page - International Rectifier

  IRL5NJ024 Datasheet HTML 1Page - International Rectifier IRL5NJ024 Datasheet HTML 2Page - International Rectifier IRL5NJ024 Datasheet HTML 3Page - International Rectifier IRL5NJ024 Datasheet HTML 4Page - International Rectifier IRL5NJ024 Datasheet HTML 5Page - International Rectifier IRL5NJ024 Datasheet HTML 6Page - International Rectifier IRL5NJ024 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
17
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
11
IDM
Pulsed Drain Current ➀
68
PD @ TC = 25°C
Max. Power Dissipation
35
W
Linear Derating Factor
0.28
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy ➁
56
mJ
IAR
Avalanche Current ➀
11
A
EAR
Repetitive Avalanche Energy ➀
3.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.3
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 s)
Weight
2.6
g
Fifth Generation HEXFET®
power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
oC
A
LOGIC LEVEL
IRL5NJ024
HEXFET® POWER MOSFET
SURFACE MOUNT (SMD-0.5)
7/13/01
www.irf.com
1
55V, N-CHANNEL
SMD-0.5
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRL5NJ024
55V
0.06
Ω
17A
Features:
n Logic Level Gate Drive
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Light Weight
For footnotes refer to the last page
PD - 93955A


Similar Part No. - IRL5NJ024

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL5NJ024 IRF-IRL5NJ024 Datasheet
115Kb / 7P
LOGIC LEVEL HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results

Similar Description - IRL5NJ024

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFAE30 IRF-IRFAE30_15 Datasheet
150Kb / 7P
Simple Drive Requirements
IRFE110 IRF-IRFE110_15 Datasheet
203Kb / 7P
Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
Simple Drive Requirements
IRFE220 IRF-IRFE220_15 Datasheet
197Kb / 7P
Simple Drive Requirements
IRFE230 IRF-IRFE230_15 Datasheet
167Kb / 7P
Simple Drive Requirements
IRFE9220 IRF-IRFE9220_15 Datasheet
138Kb / 7P
Simple Drive Requirements
IRFF9210 IRF-IRFF9210_15 Datasheet
134Kb / 7P
Simple Drive Requirements
IRFM054 IRF-IRFM054_15 Datasheet
193Kb / 7P
Simple Drive Requirements
IRFM240 IRF-IRFM240_15 Datasheet
241Kb / 7P
Simple Drive Requirements
IRFM250 IRF-IRFM250_15 Datasheet
206Kb / 7P
Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com