Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLS3813TRLPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRLS3813TRLPBF
Description  Brushed motor drive applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3813TRLPBF Datasheet(HTML) 4 Page - International Rectifier

  IRLS3813TRLPBF Datasheet HTML 1Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 2Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 3Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 4Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 5Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 6Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 7Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 8Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 23, 2014
 
IRLS3813PbF
Fig 8. Maximum Safe Operating Area
Fig 11. Typical Coss Stored Energy
Fig 12. Maximum Avalanche Energy Vs. Drain Current
Fig 7. Typical Source-Drain Diode Forward Voltage
0.0
0.4
0.8
1.2
1.6
2.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Temperature ( °C )
30
31
32
33
34
35
36
Id = 1.0mA
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
ID
TOP
17A
38A
BOTTOM 148A
Fig 10. Drain-to–Source Breakdown Voltage
0
5
10
15
20
25
30
VDS, Drain-to-Source Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
25
50
75
100
125
150
TC , Case Temperature (°C)
0
40
80
120
160
200
240
280
Limited by Package
Fig 9. Maximum Drain Current vs. Case Temperature
0.1
1
10
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
10msec
1msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Limited by Package



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com