Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLS3813TRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLS3813TRLPBF
Description  Brushed motor drive applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLS3813TRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLS3813TRLPBF Datasheet HTML 1Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 2Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 3Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 4Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 5Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 6Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 7Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 8Page - International Rectifier IRLS3813TRLPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLS3813PbF
1
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
January 23, 2014
HEXFET® Power MOSFET
D
S
G
G
D
S
Gate
Drain
Source
Benefits
 Fully Characterized Capacitance and Avalanche SOA
 Enhanced body diode dV/dt and dI/dt Capability
 Lead-Free, RoHS Compliant
VDSS
30V
RDS(on) typ.
1.60m

max
1.95m

ID (Silicon Limited)
247A
ID (Package Limited)
160A
 
D2Pak
IRLS3813PbF
S
D
G
Base part number
Package Type
Standard Pack
Form
Quantity
IRLS3813PbF
D2-Pak
Tube
50
IRLS3813PbF
Tape and Reel Left
800
IRLS3813TRLPbF
Orderable Part Number
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
VDS
Drain-to-Source Voltage
30
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
247
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
156
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
160
IDM
Pulsed Drain Current 
850
PD @TC = 25°C
Maximum Power Dissipation
195
W
Linear Derating Factor
1.6
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 150  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Avalanche Characteristics 
Symbol
Parameter
Max.
Units
EAS (Thermally limited)
Single Pulse Avalanche Energy 
177
mJ
IAR
Avalanche Current
A
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
0.64
°C/W  
RJA
Junction-to-Ambient (PCB Mount) 
–––
40
148 
Application
 Brushed motor drive applications
 BLDC motor drive applications
 Battery powered circuits
 Half-bridge and full-bridge topologies
 Synchronous rectifier applications
 Resonant mode power supplies
 OR-ing and redundant power switches
 DC/DC and AC/DC converters
 DC/AC inverters


Similar Part No. - IRLS3813TRLPBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRLS3813 ISC-IRLS3813 Datasheet
263Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRLS3813TRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR7440PBF IRF-IRFR7440PBF Datasheet
298Kb / 11P
Brushed Motor drive applications
IRFS7430PBF IRF-IRFS7430PBF Datasheet
385Kb / 11P
Brushed motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com