Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25C080A Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S25C080A
Description  105C OPERATION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S25C080A Datasheet HTML 17Page - Seiko Instruments Inc S25C080A Datasheet HTML 18Page - Seiko Instruments Inc S25C080A Datasheet HTML 19Page - Seiko Instruments Inc S25C080A Datasheet HTML 20Page - Seiko Instruments Inc S25C080A Datasheet HTML 21Page - Seiko Instruments Inc S25C080A Datasheet HTML 22Page - Seiko Instruments Inc S25C080A Datasheet HTML 23Page - Seiko Instruments Inc S25C080A Datasheet HTML 24Page - Seiko Instruments Inc S25C080A Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_00_C
S-25C080A H Series
Seiko Instruments Inc.
21
Hold Operation
The hold operation is used to pause serial communications without setting the device in the non-select status. In the
hold status, the serial data output goes in high impedance, and both of the serial data input and the serial clock go in
“Don’t care”. Be sure to set the chip select ( CS ) to “L” to set the device in the select status during the hold status.
Generally, during the hold status, the device holds the select status. But if setting the device in the non-select status, the
users can finish the operation even in progress.
Figure 18 shows the hold operation. Set Hold ( HOLD ) to “L” when the serial clock (SCK) is in “L”, Hold ( HOLD ) is
switched at the same time the hold status starts. If setting Hold ( HOLD ) to “H”, Hold ( HOLD ) is switched at the same
time the hold status ends.
Set Hold ( HOLD ) to “L” when the serial clock (SCK) is in “H”; the hold status starts when the serial clock goes in “L”
after Hold ( HOLD ) is switched. If setting Hold ( HOLD ) to “H”, the hold status ends when the serial clock goes in “L”
after Hold ( HOLD ) is switched.
SCK
HOLD
Hold status
Hold status
Figure 18 Hold Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com