Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25C080A Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part # S25C080A
Description  105C OPERATION
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S25C080A Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S25C080A Datasheet HTML 12Page - Seiko Instruments Inc S25C080A Datasheet HTML 13Page - Seiko Instruments Inc S25C080A Datasheet HTML 14Page - Seiko Instruments Inc S25C080A Datasheet HTML 15Page - Seiko Instruments Inc S25C080A Datasheet HTML 16Page - Seiko Instruments Inc S25C080A Datasheet HTML 17Page - Seiko Instruments Inc S25C080A Datasheet HTML 18Page - Seiko Instruments Inc S25C080A Datasheet HTML 19Page - Seiko Instruments Inc S25C080A Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
S-25C080A H Series
Rev.2.3_00_C
Seiko Instruments Inc.
16
5. Write in the status register (WRSR)
The values of status register (SRWD, BP1, BP0) can be rewritten by inputting the WRSR instruction. But b6, b5, b4, b1,
b0 of status register cannot be rewritten. b6 to b4 are always “0” when reading the status register.
Before inputting the WRSR instruction, set bit WEL by the WREN instruction. The operation of WRSR is shown below.
Set the chip select ( CS ) “L” first. After that, input the instruction code and data from serial data input (SI). To start
WRSR Write (tPR), set the chip select ( CS ) to “H” after inputting data or before inputting a rising of the next serial clock.
It is possible to confirm the operation status by reading the value of bit WIP during WRSR Write. Bit WIP is “1” during
Write, “0” during any other status. Bit WEL is reset when Write is completed.
With the WRSR instruction, the values of BP1 and BP0; which determine the area size the users can handle as the
Read Only memory; can be changed. Besides bit SRWD can be set or reset by the WRSR instruction depending on
the status of Write protect WP . With a combination of bit SRWD and Write protect WP , the device can be set in
Hardware Protect mode (HPM). In this case, the WRSR instruction is not be performed (Refer to “ Protect
Operation”).
Bit SRWD and BP1, BP0 keep the value which is the one prior to the WRSR instruction during the WRSR instruction.
The newly updated value is changed when the WRSR instruction has completed.
To cancel the WRSR instruction, input the clock different from a specified value (n = 16 clock) while CS is in “L”.
SO
SCK
WP
CS
SI
Instruction
High-Z
12345678
High / Low
9
10
11
1213141516
Inputs Data in the Status Register
b7
b6
b5
b0
b1
b2
b3
b4
Figure 14 WRSR Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com