Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5915EUI Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5915EUI
Description  Dual PCI 2.2 Hot-Swap Controllers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5915EUI Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5915EUI Datasheet HTML 12Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 13Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 14Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 15Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 16Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 17Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 18Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 19Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Applications Information
Component Selection
External MOSFETs
Select the external N-channel MOSFETs according to
the application’s current requirement. Limit switch power
dissipation by choosing a MOSFET with an RDS(ON) low
enough to have a minimum voltage drop at full load.
High RDS(ON) causes output ripple if the board has
pulsing loads. High RDS(ON) can trigger an external
undervoltage fault at full load. Determine the MOSFET’s
power rating requirement to accommodate a short-cir-
cuit condition on the board during startup (see the
External MOSFET Thermal Considerations section).
Table 3 lists MOSFET and sense resistor manufacturers.
Sense Resistors
The overcurrent sense voltage threshold on the +3.3V
output is 46mV and 31mV on the +5V output. Choose a
sense resistor using the following equation:
RSENSE = (V-ILIM / ILOAD
where ILOAD is the brickwall current limit for the output.
Choose the sense resistors’ power rating to accommo-
date the overload current:
PSENSE = (ILOAD)2 x RSENSE
Additional External Gate Capacitance
Connecting an external capacitance from the gates of
the external MOSFETs to GND slows the turn on of the
+5V and +3.3V supplies.
Dual PCI 2.2 Hot-Swap Controllers
16
______________________________________________________________________________________
tDELAY
tDELAY
tDELAY
tRESTART
tRESTART
tRESTART
ENABLE_+12VIN
STARTUP_+12VIN
OC_3.3VAUXO_
UV_3.3VAUXO_
RESET
RESET
RESET
DQ
V
Q
POSITIVE EDGE
TRIGGERED D FLIP-FLOP,
RESET IS ACTIVE LOW
OC_3.3VO_
OC_5VO_
OC_+12VO_
OC_-12VO_
UV_3.3VO_
UV_5VO_
UV_+12VO_
POSITIVE EDGE TRIGGERED D FLIP-FLOP,
RESET IS ACTIVE LOW
HIGH = MAIN SUPPLIES
ARE TURNED OFF
MAIN OFF
AUX OFF
HIGH = AUX SUPPLY
TURNED ON
ENABLE_3.3VAUXIN
STARTUP_3.3VAUXIN
V = INTERNAL SUPPLY LOGIC
GENERATED BY THE 12VIN OR THE
3.3VAUXIN, WHICHEVER IS HIGHER
RESET
DQ
V
Q
SEE TABLE 2 FOR EXPLANATION OF SIGNALS.
Figure 4. Main and Auxiliary Supply Shutdown Control Logic for MAX5916



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com