Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5915EUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5915EUI
Description  Dual PCI 2.2 Hot-Swap Controllers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5915EUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5915EUI Datasheet HTML 1Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 2Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 3Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 4Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 5Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 6Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 7Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 8Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Dual PCI 2.2 Hot-Swap Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
+12VIN to GND ...................................................-0.3V to +14.0V
-12VIN to GND........................................................-14V to +0.3V
-12VO_ to GND......................................+0.3V to (V-12VIN - 0.3V)
+12VO_, 3.3VGATE_, 5VGATE_
to GND..................................................-0.3V to (V+12VIN + 0.3V)
Any Other Pin to GND ...........................................-0.3V to +6.0V
Continuous Power Dissipation (TA = +70
°C)
28-Pin TSSOP (derate 23.8mW/
°C above +70°C) ...........1.9W
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(V-12VIN = -12V, V+12VIN = +12V, V3.3VAUXIN = +3.3V, VON_ = VAUXON_ = +5V, TA = -40
°C to +85°C, unless otherwise specified.
Typical values are at TA = +25
°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Main Supply Input Voltage
Range
V+12VIN
10.8
12
13.2
V
Main Supply Undervoltage
Lockout (UVLO)
V+12UVLO
V+12VIN rising
9.6
10
10.8
V
Main Supply UVLO Hysteresis
VUVLO, HYS
100
mV
Main Input UVLO Delay Time
tDEG, UVLO
Figures 1 and 2 (Note 1)
1.6
ms
Supply Current
IQ
2.5
5.0
mA
+3.3V SUPPLY CONTROL
Gate Charge Current
I3.3VGATE_, CHG
V3.3VGATE _ = +6V, V3.3VSEN_ = +3.3V,
V3.3VO_ = +3.3V
515
30
µA
Gate Discharge Current
I3.3VGATE_, DIS
V3.3VGATE _ = +12V, VON_ = 0
50
150
250
µA
Gate High Voltage
V3.3VGATE_, HIGH I3.3VGATE _ = 1
µA
V+12VIN -
0.5
V+12VIN
V
Gate Low Voltage
V3.3VGATE_, LOW
I3.3VGATE _ = 1
µA, VON_ = 0
0.1
0.4
V
3.3VO_ Input Bias Current
I3.3VO_, BIAS
V3.3VO_ = +3.3V
20
µA
3.3VO_ Internal Pulldown
RPD
VON_ = 0
1
k
Ω
3.3VSEN_ Input Bias Current
I3.3VSEN_, BIAS
V3.3VSEN_ = +3.3V
10
µA
Current-Limit Threshold
V3.3V, LIM
V3.3VGATE _ = +6V
41
46
51
mV
Output Undervoltage Threshold
V3.3VIN, UV
V3.3VGATE _ falling
2.79
2.89
2.99
V
Output Undervoltage Threshold
Hysteresis
30
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com