Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5855A Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S5855A Datasheet HTML 2Page - Seiko Instruments Inc S5855A Datasheet HTML 3Page - Seiko Instruments Inc S5855A Datasheet HTML 4Page - Seiko Instruments Inc S5855A Datasheet HTML 5Page - Seiko Instruments Inc S5855A Datasheet HTML 6Page - Seiko Instruments Inc S5855A Datasheet HTML 7Page - Seiko Instruments Inc S5855A Datasheet HTML 8Page - Seiko Instruments Inc S5855A Datasheet HTML 9Page - Seiko Instruments Inc S5855A Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
S-5855A Series
Rev.1.2_00
Seiko Instruments Inc.
6
Absolute Maximum Ratings
Table 5
(Ta =
+25°C, VSS = 0 V, unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
−0.3 to VSS +7.0
V
CMOS output product
VSS
−0.3 to VDD +0.3
V
Output voltage
Nch open-drain output product
VOUT
VSS
−0.3 to VSS +7.0
V
CF voltage
VCF
VSS
−0.3 to VDD +0.3
V
Output current
IOUT
−13 to +13
mA
SNT-4A
300
*1
mW
Power dissipation
SOT-23-5
PD
600
*1
mW
Operating ambient temperature
Topr
−40 to +125
°C
Storage temperature
Tstg
−65 to +150
°C
*1.
When mounted on board
[Mounted board]
(1) Board size:
114.3 mm × 76.2 mm × t1.6 mm
(2) Name:
JEDEC STANDARD51-7
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com