Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5855A Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S5855A
Description  PWM OUTPUT TEMPERATURE SENSOR IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5855A Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S5855A Datasheet HTML 3Page - Seiko Instruments Inc S5855A Datasheet HTML 4Page - Seiko Instruments Inc S5855A Datasheet HTML 5Page - Seiko Instruments Inc S5855A Datasheet HTML 6Page - Seiko Instruments Inc S5855A Datasheet HTML 7Page - Seiko Instruments Inc S5855A Datasheet HTML 8Page - Seiko Instruments Inc S5855A Datasheet HTML 9Page - Seiko Instruments Inc S5855A Datasheet HTML 10Page - Seiko Instruments Inc S5855A Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
Rev.1.2_00
S-5855A Series
Seiko Instruments Inc.
7
Electrical Characteristics
1.
Common items
Table 6
(Ta = TSP5, VDD = 3.0 V, VSS = 0 V, unless otherwise specified)
Item
Symbol
Condition
Min. Typ. Max. Unit
Test
circuit
Power supply voltage
VDD
−
1.65
−
5.5
V
1
Ta = TSP5
−
−
200
μA1
Current consumption
IDD
No load at output pin
Ta =
+25°C
(Duty ratio 100%)
−
50
−
μA1
Output leakage current ILEAK
Nch open-drain output product
VOUT = 5.5 V, Ta =
+25°C
−
−
1
μA3
Output source current
ISOURCE
CMOS output product
VOUT = VDD
− 0.3 V
0.8
−
−
mA
3
Output sink current
ISINK
VOUT = VSS
+ 0.3 V
3
−
−
mA
3
Nch open-drain output product
−
20
−
ns
5
Fall time
tF
CL = 100 pF, RL = 10 k
Ω
VOUT = 0.8
× VDD to 0.2 × VDD CMOS output product
−
20
−
ns
4
Nch open-drain output product
CL = 15 pF, RL = 10 k
Ω
VOUT = 0.2
× VDD to 0.8 × VDD
−
300
−
ns
5
Rise time
tR
CMOS output product
CL = 100 pF, RL = 10 k
Ω
VOUT = 0.2
× VDD to 0.8 × VDD
−
50
−
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com