Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7142CCDBQ Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7142CCDBQ
Description  VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7142CCDBQ Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7142CCDBQ Datasheet HTML 9Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 10Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 11Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 12Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 13Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 14Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 15Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 16Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ISO7142CC
www.ti.com
SLLSEF1B – SEPTEMBER 2013 – REVISED AUGUST 2015
8.3 Feature Description
8.3.1 Insulation and Safety-Related Specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
0.014
mm
CI
(1)
Input capacitance
VI = VCC/2 + 0.4 sin (2πft), f = 1 MHz, VCC = 5 V
2
pF
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIOTM
Maximum transient isolation voltage
4242
VPK
VIORM
Maximum working isolation voltage
566
VPK
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
679
Partial discharge < 5 pC
Method a, After environmental tests subgroup 1,
VPR
Input-to-output test voltage
VPR = VIORM x 1.6, t = 10 s,
906
VPK
Partial discharge < 5 pC
Method b1, 100% production test,
VPR = VIORM x 1.875, t = 1 s,
1061
Partial discharge < 5 pC
L(I01)
Minimum air gap (clearance)
Shortest terminal to terminal distance through air
3.7
mm
Minimum external tracking
Shortest terminal to terminal distance across the
L(I02)
3.7
mm
(creepage)
package surface
Pollution degree
2
Tracking resistance (comparative
CTI
DIN EN 60112 (VDE 0303-11); IEC 60112
≥400
V
tracking index)
VIO = 500 V, TA = 25
oC
>1012
RIO
(2)
Isolation resistance, input to output
VIO = 500 V, 100
oC ≤ T
A ≤ 125
oC
>1011
Ω
VIO = 500 V, TS = 150
oC
>109
CIO
(2)
Barrier capacitance, input to output
VI = 0.4 sin (2πft), f = 1 MHz
2.4
pF
UL 1577
Withstanding Isolation voltage
VTEST = VISO= 2500 VRMS, 60 sec (qualification);
VISO
VTEST = 1.2 * VISO= 3000 VRMS, 1 sec (100%
2500
VRMS
production)
(1)
Measured from input data pin to ground.
(2)
All pins on each side of the barrier tied together creating a two-terminal device.
spacer
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed circuit board do not reduce this distance.
Creepage and clearance on a printed circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to
help increase these specifications.
Table 1. IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Material Group
II
Rated mains voltage
≤ 150 VRMS
I–IV
Installation classification / Overvoltage
Category for Basic Insulation
Rated mains voltage
≤ 300 VRMS
I–III
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ISO7142CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com