Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7142CCDBQ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7142CCDBQ
Description  VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7142CCDBQ Datasheet(HTML) 2 Page - Texas Instruments

  ISO7142CCDBQ Datasheet HTML 1Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 2Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 3Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 4Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 5Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 6Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 7Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 8Page - Texas Instruments ISO7142CCDBQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ISO7142CC
SLLSEF1B – SEPTEMBER 2013 – REVISED AUGUST 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Parameter Measurement Information ................ 10
2
Applications ........................................................... 1
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
3
Description ............................................................. 1
8.2
Functional Block Diagram ....................................... 12
4
Revision History..................................................... 2
8.3
Feature Description................................................. 13
5
Pin Configuration and Functions ......................... 3
8.4
Device Functional Modes........................................ 15
6
Specifications......................................................... 4
9
Application and Implementation ........................ 16
6.1
Absolute Maximum Ratings ..................................... 4
9.1
Application Information............................................ 16
6.2
ESD Ratings.............................................................. 4
9.2
Typical Application ................................................. 16
6.3
Recommended Operating Conditions ....................... 4
10
Power Supply Recommendations ..................... 18
6.4
Thermal Information .................................................. 4
11
Layout................................................................... 19
6.5
Electrical Characteristics, 5 V ................................... 5
11.1
Layout Guidelines ................................................. 19
6.6
Electrical Characteristics, 3.3 V ................................ 5
11.2
Layout Example .................................................... 19
6.7
Electrical Characteristics, 2.7 V ................................ 5
6.8
Power Dissipation Characteristics ............................ 5
12
Device and Documentation Support ................. 20
6.9
Switching Characteristics, 5 V .................................. 6
12.1
Documentation Support ........................................ 20
6.10
Switching Characteristics, 3.3 V ............................. 6
12.2
Community Resources.......................................... 20
6.11
Switching Characteristics, 2.7 V ............................. 7
12.3
Trademarks ........................................................... 20
6.12
Supply Current, 5 V................................................. 7
12.4
Electrostatic Discharge Caution ............................ 20
6.13
Supply Current, 3.3 V.............................................. 7
12.5
Glossary ................................................................ 20
6.14
Supply Current, 2.7 V.............................................. 7
13
Mechanical, Packaging, and Orderable
Information ........................................................... 20
6.15
Typical Characteristics ............................................ 8
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2013) to Revision B
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Changed VDE Standard to DIN V VDE V 0884-10 (VDE V 0884-10)2006-12 ...................................................................... 1
Changes from Original (September 2013) to Revision A
Page
•
Deleted the MIN value of –55°C from TJ in the RECOMMENDED OPERATING CONDITIONS table ................................. 4
•
Changed the TYP value of CI From: 3.5 To: 2 pF in the INSULATION AND SAFETY-RELATED SPECIFICATIONS
table ...................................................................................................................................................................................... 13
•
Changed the CSA column description for Basic Insulation .................................................................................................. 14
•
Changed Figure 13 ............................................................................................................................................................... 15
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: ISO7142CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com