Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3012G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L3012G-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3012G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L3012G-S08-R Datasheet HTML 1Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 2Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 3Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 4Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
L3012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R125-025.D
PIN CONFIGURATION
1
2
3
4
8
7
6
5
SW
GND
SENSE
VIN
ADJ
VDD
PWM
COMP
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
SW
Power Switch output.
2
GND
Ground.
3
SENSE
Current sense pin.
4
VIN
Input supply voltage.
5
COMP
Compensation pin, connects to external capacitor.
6
PWM
PWM dimming pin.
7
VDD
5V LDO output
8
ADJ
Thermal compensation pin or linear dimming pin.
BLOCK DIAGRAM
4
VIN
3
SENSE
5
COMP
7
VDD
8
ADJ
6
PWM
3
GND
1 SW
S
Q
R
+
-
Current
comparator
Osc
+
-
Current
setting
Internal
reference
Driver
Vgate
M1
+
-
PWM
Control
OSC
Vsense
Slope
compensation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com