Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L3012G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L3012G-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L3012G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L3012G-S08-R Datasheet HTML 1Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 2Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 3Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 4Page - Unisonic Technologies L3012G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
L3012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R125-025.D
FUNCTION DESCRIPTION
The UTC L3012 is a current mode and fixed frequency (280kHz) LED driver.
1. Output current setting
The output current is determined by the sampling resistor (RS) and setting voltage (VIN-VSENSE a built-in fixed
100mV).
S
SENSE
IN
OUT
R
V
V
I
=100mV/Rs
2. Current limiting
UTC L3012 has internal current limiting function, and the voltage on COMP is clamped at about 2V, the output
current of the power MOSFET is limited at about 2A by current comparator.
3. Diode Selection
UTC L3012 driver LED need a Schottky diode. If output current is 700mA or smaller then SS14W (1N5819) is ok.
The average current through the diode is ID:
ID= (1-D)·ILED
ILED is the current of LED
4. PWM dimming
UTC L3012 has internal PWM dimming function. When PWM voltage is connects to high level, the chip is working
normally, when PWM voltage is open or connects to low level, the COMP pin voltage will keep normal state, so can
improve the startup speed of the chip. Adjust the output current by control the duty of external PWM signal.
The minimum setup time of UTC L3012 PWM dimming is less than 20μS, and the maximum PWM dimming ratio
is up to 500:1. When high dimming ratio is needed, the dimming frequency is recommended 500Hz below, or else
the dimming frequency can be up to 2KHz. When PWM pin is low, output is shutdown.
TYPICAL APPLICATION CIRCUI
1
2
3
4
8
7
6
5
SW
GND
SENSE
VIN
ADJ
VDD
PWM
COMP
SBD
VIN
Rs
Cout
L
10µF
1µF
100nF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com