Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4075L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # L4075L-AF5-R
Description  40V LED DRIVER WITH INTERNAL SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4075L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  L4075L-AF5-R Datasheet HTML 1Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 2Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 3Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 4Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
L4075
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R125-030.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
-0.3~+50
V
ISENSE Voltage
VIN>5V
VISENSE
VIN+0.3~VIN-5
V
VIN<5V
VIN+0.3~ -0.3
V
LX Output Voltage
VLX
-0.3~+50
V
Adjust Pin Input Voltage
VADJ
-0.3~+6
V
Switch Output Current
ILX
400
mA
Power Dissipation
PD
600
mW
Operating Junction Temperature
TJ
150
°C
Operating Temperature Range
TOPR
-40~85
°C
Storage Temperature Range
TSTG
-55~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX
UNIT
Junction to Ambient
θJA
270
°C/W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com