Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4075L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L4075L-AF5-R
Description  40V LED DRIVER WITH INTERNAL SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L4075L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L4075L-AF5-R Datasheet HTML 1Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 2Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 3Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 4Page - Unisonic Technologies L4075L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L4075
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R125-030.a
40V LED DRIVER WITH
INTERNAL SWITCH
DESCRIPTION
The UTC L4075 is a continuous conduction mode inductive
step-down converter, designed for driving single or multiple series
connected LEDs efficiently from a voltage source higher than the
total LEDs chain voltage. The chip operates from an input supply
between 6V and 40V and provides an externally adjustable output
current of up to 750mA (SOT89-5). Depending upon supply voltage
and external components, this can provide up to 30W of output
power.
The UTC L4075 includes an integrated output switch and a
high-side output current sensing circuit, which uses an external
resistor to set the nominal average output current.
Output current can be adjusted linearly by applying an external
control signal to the ADJ pin. The ADJ pin will accept either a DC
voltage dimming or a wide range of pulsed dimming. This will
provide either a continuous or a gated output current.
Applying a voltage of 0.2V or lower to the ADJ pin can turn the
output off and switch the chip into a low current standby state.
FEATURES
* 6V~40V input voltage range
* Simple low parts count
* Internal 40V power switch
* High efficiency up to 95%
* Typical 5% output current accuracy
* Single pin on/off and brightness control using DC voltage or PWM
* Up to 1MHz switching frequency
* Protection features:
Open-circuit LED Protection
Thermal shutdown Protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L4075L-AF5-R
L4075G-AF5-R
SOT-25
Tape Reel


Similar Part No. - L4075L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L4075L-AF5-R UTC-L4075L-AF5-R Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - L4075L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
40V/1.2A LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
40V LED Driver with Internal Switch
April 20, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com