Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1103G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC1103G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1103G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UC1103G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 8Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UC1103
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-961.d
OPERATION DESCRIPTION
The UTC UC1103 is a primary control unit for switch mode charger and adapter applications. It operates in
primary-side sensing and regulation. Opto-coupler and TL431 could be eliminated. Proprietary built-in CV and CC
control can achieve high precision CV/CC performance. The device integrates PWM controller to enhance the
performance of discontinuous conduction mode (DCM) flyback converters.
High-Voltage Startup control
The HV pin of UTC UC1103 is connected to the line input through a resistor (100K is recommended). During
startup, the internal startup circuit in UTC UC1103 is enabled. Meanwhile, line input supplies a constant current to
charge the hold-up capacitor through the resistor. When the VDD voltage reaches VTH(ON), the internal startup circuit is
disabled and the IC turns on.
Operating Current
The operating current of UTC UC1103 is as low as 1.6mA. Good efficiency and very low standby power can be
achieved.
Constant Voltage Operation
The output voltage is defined by the transmission ratio between the secondary and auxiliary winding. The UTC
UC1103
captures the auxiliary winding feedback voltage at VS pin and operates in constant-voltage (CV) mode to
regulate the output voltage. The auxiliary voltage reflects the output voltage is given by:
)
(
V
∆
+
V
×
N
N
=
V
O
S
A
AUX
(1)
Where △V indicates the drop voltage of the output diode.
Figure2. Auxiliary voltage waveform
Via a resistor divider connected between the auxiliary winding and VS, the VAUX is sampled at the Tsampling end
and it is hold until the next sampling. The sampled voltage is compared with 2.5V reference voltage and the error is
amplified. The error amplifier output reflects the load condition and controls the Toff time and the Ipk to regulate the
output voltage, thus constant output voltage can be achieved.
Constant Current Operation
When the sampled voltage is below 2.5V reference voltage and the error amplifier output reaches its maximum,
thus UTC UC1103 operates in constant-current (CC) mode. The CC point and maximum output power can be
externally adjusted by external current sense resistor Rcs. The larger Rcs, the smaller CC point is, and the smaller
output power becomes.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com