Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC1103G-S08-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UC1103G-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC1103G-S08-R Datasheet(HTML) 9 Page - Unisonic Technologies

  UC1103G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 8Page - Unisonic Technologies UC1103G-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UC1103
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R502-961.d
TYPICAL APPLICATION CIRCUIT (5V/2.4A)
BOM
Reference
Component
Reference
Component
BD1
BD 2A/600V
R1
R 200kΩ 1206 ±5%
L1
Choke
R2
R 2.4kΩ 1206 ±5%
C1
EC 10μF/400V 105°C
R7
R 39kΩ 0805 ±1%
C2
EC 10μF/400V 105°C
R8
R 10kΩ 0805 ±1%
C3
CC 1nF/1000V 1206
R9
R 1Ω 1206 ±5%
C4
EC 22μF/50V 105°C
R10
R 100kΩ 1206 ±5%
C5
CC 68nF/50V 0805
T1
RM-6
C6
EC 1500μF/10V 105°C
F1
FUSE 1A 250VAC
D4, D5
Diode UTC 1N4007
Q1
N-channel UTC 6N60L
D6
Diode UTC MGBR10L45C
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com