Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3500G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3500G-XX-AF5-R
Description  HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3500G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3500G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC3500G-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3500
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-072.I
HIGH EFFICIENCY VFM
CONTROLLED STEP-UP
DC/DC CONVERTER
DESCRIPTION
The UTC UC3500 Step-up DC/DC converters are optimized
for applications that prioritize high efficiency and high frequency.
The efficiency is greatly improved by utilizing an internal VFM
controlled scheme that switches with fixed frequency and is
adjustable up to more than 150 KHz depending on the load.
The UTC UC3500 requires only three external components
to realize the conversion from the battery voltage to the selected
output voltage in the range of 2.5V ~ 5.5V.
The start-up voltage of UTC UC3500 is guaranteed at 0.8V
and the device is operating down to 0.5V. The Output current is
guaranteed up to 150mA, while quiescent current is only 18μA.
FEATURES
* 0.8V start-up voltage
* 0.5V hold-on voltage
* Output current up to 150mA
* Low supply current of 18μA
* Wide output voltage range of 2.5V~5.5V
* High efficiency up to 88%
* Low profile and minimum external components
ORDERING INFORMATION
Ordering Number
Package
Packing
UC3500G-xx-AB3-R
SOT-89
Tape Reel
UC3500G-xx-AE3-R
SOT-23
Tape Reel
UC3500G-xx-AF5-R
SOT-25
Tape Reel


Similar Part No. - UC3500G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3500G-XX-AF5-R UTC-UC3500G-XX-AF5-R Datasheet
539Kb / 12P
HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
UC3500G-XX-AF5-R UTC-UC3500G-XX-AF5-R Datasheet
404Kb / 11P
HIGH EFFICIENCY VFM CONTROLLED STEP-UP DC/DC CONVERTER
More results

Similar Description - UC3500G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
ELM Technology Corporat...
ELM93 ELM-TECH-ELM93 Datasheet
1Mb / 8P
High efficiency PFM step-up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com