Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3552G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3552G-S08-R
Description  PWM DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3552G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3552G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC3552G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3552
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-134.B
PWM DC-DC CONVERTER
WITH INTERNAL SWITCH AND
SOFT-START
DESCRIPTION
The UTC UC3552 is a step-up PWM DC-DC converter with a
internal switch which is 1.6A, 0.23Ω. UTC UC3552 offers users
flexibility in determining loop dynamics and adjusting operating
frequency cause it’s equipped with an external compensation
pin ,and it also allows the use of small, low equivalent resistance
(ESR) ceramic output capacitors. UTC UC3552 is capable of
converting a standard input of 3.3V to multiple outputs of 8V, − 8V ,
and 23V. Otherwise, filtering and loop performance are enhanced
and facilitated by a high switching frequency of either 640 kHz
or1.3MHz.
As a power-smart design in shutdown mode a soft-start with an
external capacitor that sets the input current ramp rate, reduces the
current consumption to 0.1μA. A mere 2.6V input yields an
impressive output voltage to 12V when operating.
FEATURES
* 1.6A, 0.23Ω, internal switch
* High efficiency: 90%
* Adjustable output: VDD to 12V
* Adjustable frequency: 640kHz or 1.3MHz
* Wide input range: +2.6V ~ +5.5V
* Low shutdown current: 0.1μA
* Programmable soft-start
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC3552L-S08-R
UC3552G-S08-R
SOP-8
Tape Reel
UC3552L-S08-T
UC3552G-S08-T
SOP-8
Tube
UC3552L-SM1-R
UC3552G-SM1-R
MSOP-8
Tape Reel
UC3552L-SM1-T
UC3552G-SM1-T
MSOP-8
Tube


Similar Part No. - UC3552G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3552G-S08-R UTC-UC3552G-S08-R Datasheet
190Kb / 7P
PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
More results

Similar Description - UC3552G-S08-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1210N301C RICOH-R1210N301C Datasheet
179Kb / 18P
PWM Step-up DC/DC Converter
logo
New Japan Radio
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
PWM DC/DC CONVERTER IC
logo
Anpec Electronics Corop...
APW7077 ANPEC-APW7077 Datasheet
454Kb / 21P
PWM Step-Up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Advanced Power Electron...
APE1911 A-POWER-APE1911 Datasheet
330Kb / 9P
STEP-UP PWM DC/DC Converter
logo
New Japan Radio
NJM2392 NJRC-NJM2392 Datasheet
150Kb / 9P
PWM DC/DC Converter IC
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
3A PWM BUCK DC/DC CONVERTER
Rev 8
PAM2421 DIODES-PAM2421 Datasheet
561Kb / 10P
PWM STEP-UP DC-DC CONVERTER
Rev 2
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com