Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC15P23-__L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPC15P23-__L
Description  low power consumption, global input voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LPC15P23-__L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPC15P23-__L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 425 -222- 5 9 0 0
800-453-4569
w w w.mechatronics.com
E- mail: Sales@Mechatronics.com
Fax: 425 -222- 515 5
Co o l i n g Si m p l i f i e d
12.18.14
LPC15P series
0
50
100
150
200
250
350
300
AIR FLOW CFM
0.30
0.40
0.50
0.60
0.70
0.20
0.10
L
M
H
E
(172 x 150 x 51 mm)
6.77 x 5.90 x 2.00 inches
Features:
low power consumption, global
input voltage
Operating voltage: 115 ~ 230 VAC
Construction:
magnesium die cast frame with
UL94V-0 plastic impeller
Bearing option:
motor quality ball bearings
Motor:
electronically comutated
Air Flow:
air exhaust over struts
Connection:
terminal type or lead wire
Model No.
Rated
Voltage
V
Freq.
HZ
Input
Power
W
Speed
RPM
Air Volume
Max. Static
Pressure (H20)
Sound
Noise
dbA
Weight
g
M³/Min.
CFM
MM
INCH
LPC15P12-__L
115
50/60
10
2,800
5.9
210
12.0
0.48
50
666
LPC15P23-__L
230
50/60
10
2,800
5.9
210
12.0
0.48
50
666
LPC15P12-__M
115
50/60
16
3,200
6.7
235
13.8
0.55
53
666
LPC15P23-__M
230
50/60
16
3,200
6.7
235
13.8
0.55
53
666
LPC15P12-__H
115
50/60
22
3,600
7.4
260
15.8
0.63
56
666
LPC15P23-__H
230
50/60
22
3,600
7.4
260
15.8
0.63
56
666
LPC15P12-__E
115
50/60
29
4,000
8.2
290
17.5
0.70
61
666
LPC15P23-__E
230
50/60
29
4,000
8.2
290
17.5
0.70
61
666
ROTA
TION
6.77 ±0.02
(172.0 ±0.5)
6.38 ±0.02
(162 ±0.5)
1.41 ±0.01
(35.7 ±0.3)
ø5.77
(146.5)
2.00 ±0.02
(51.0 ±0.5)
0.12 ±0.01
(3.0 ±0.3)
GRD
0.12 ±0.01
(3.0 ±0.3)
M4
8x-0.17
(4.2)
L=12.20
(310)
Lead Wire
Terminal
NOT IN CATALOG
- THIS AND BELOW -


Similar Part No. - LPC15P23-__L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1500 NXP-LPC1500 Datasheet
1Mb / 99P
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
logo
Visual Communications C...
LPC150CTP VCC-LPC150CTP Datasheet
78Kb / 1P
VERTICAL CLIPLITE 4MM LITEPIPE
logo
NXP Semiconductors
LPC1517JBD48 NXP-LPC1517JBD48 Datasheet
1Mb / 99P
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
LPC1517JBD48 NXP-LPC1517JBD48 Datasheet
1Mb / 107P
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM; FS USB, CAN, RTC, SPI, USART, I2C
Rev. 1.1-29 April 2015
LPC1517JBD64 NXP-LPC1517JBD64 Datasheet
1Mb / 99P
32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
Rev. 1-19 February 2014
More results

Similar Description - LPC15P23-__L

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8551 BELLING-BL8551 Datasheet
941Kb / 12P
150mA CMOS High Input Voltage Low Consumption Regulator
BL8567 BELLING-BL8567 Datasheet
325Kb / 7P
300mA, Wide Input Voltage, Low Consumption Linear Regulator
logo
Solid State Optronic
SDD600 SSOUSA-SDD600_15 Datasheet
603Kb / 10P
Low input power consumption
logo
List of Unclassifed Man...
LPC12A99-__L ETC2-LPC12A99-__L Datasheet
412Kb / 1P
low power consumption, global input voltage
LPC12B99-__L ETC2-LPC12B99-__L Datasheet
385Kb / 1P
low power consumption, global input voltage
LPC80B99-__L ETC2-LPC80B99-__L Datasheet
410Kb / 1P
low power consumption, global input voltage
LPC92B99-__L ETC2-LPC92B99-__L Datasheet
388Kb / 1P
low power consumption, global input voltage
HP03S ETC2-HP03S Datasheet
200Kb / 7P
Low voltage, low power consumption
logo
ACE Technology Co., LTD...
ACE557U ACE-ACE557U Datasheet
312Kb / 5P
250mA, Low Consumption, Wide Input Voltage Linear Regulator
VER 1.2
logo
Ultralife Corporation.
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
Wide input voltage for global use
Rev: B
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com