Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5145 Datasheet(PDF) 21 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 21 Page - Analog Microelectronics

Back Button AME5145 Datasheet HTML 15Page - Analog Microelectronics AME5145 Datasheet HTML 16Page - Analog Microelectronics AME5145 Datasheet HTML 17Page - Analog Microelectronics AME5145 Datasheet HTML 18Page - Analog Microelectronics AME5145 Datasheet HTML 19Page - Analog Microelectronics AME5145 Datasheet HTML 20Page - Analog Microelectronics AME5145 Datasheet HTML 21Page - Analog Microelectronics AME5145 Datasheet HTML 22Page - Analog Microelectronics AME5145 Datasheet HTML 23Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
AME
21
AME5145
1.6 MHz Boost Converter With
30V Internal FET Switch
Rev.B.01
n Package Dimension
DFN-8C (3mmx3mmx0.75mm)
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
D
2.900
3.100
0.114
0.122
E
2.900
3.100
0.114
0.122
e
0.600
0.700
0.024
0.028
D1
2.200
2.400
0.087
0.094
E1
1.400
1.600
0.055
0.063
b
0.200
0.320
0.008
0.013
L
0.375
0.575
0.015
0.023
G
0.153
0.253
0.0060
0.010
G1
0.000
0.050
0.0000
0.002
SYMBOLS
MILLIMETERS
INCHES
TOP VIEW
BOTTOM VIEW
REAR VIEW
e
D
E
A
G
G1
b
L
E1
D1
PIN #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com