Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME5145 Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AME5145
Description  1.6 MHz Boost Converter With
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5145 Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AME5145 Datasheet HTML 9Page - Analog Microelectronics AME5145 Datasheet HTML 10Page - Analog Microelectronics AME5145 Datasheet HTML 11Page - Analog Microelectronics AME5145 Datasheet HTML 12Page - Analog Microelectronics AME5145 Datasheet HTML 13Page - Analog Microelectronics AME5145 Datasheet HTML 14Page - Analog Microelectronics AME5145 Datasheet HTML 15Page - Analog Microelectronics AME5145 Datasheet HTML 16Page - Analog Microelectronics AME5145 Datasheet HTML 17Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
AME
13
AME5145
1.6 MHz Boost Converter With
30V Internal FET Switch
Rev.B.01
I
Q VIN(Active) vs Temperature
Oscillator Frequency vs Temperature
Temperature (°C)
0.00
0.50
1.00
1.50
2. 00
2. 50
3. 00
3. 50
-50
-25
0
25
50
75
100
125
150
Feedback Voltage vs Temperature
Temperature(°C)
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
-50
-25
0
25
50
75
100
125
150
Current Limit vs Temperature
Max. Duty Cycle vs Temperature
Feedback Bias Current vs Temperature
Temperature (°C)
90.1
91.1
92.1
93.1
94.1
95.1
96.1
-50
-25
0
25
50
75
100
125
150
VIN = 5V
VIN = 3.3V
Temperature(°C)
1. 200
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
-50
-25
0
25
50
75
100
125
Temperature(°C)
1.51
1.41
1.43
1.45
1.47
1.49
1.53
1.57
1.59
1. 25
1. 27
1. 29
1. 31
1.33
1.35
1.37
1.39
1.55
-50
-25
0
25
50
75
100
125
150
VIN= 3.3V
VIN= 5V
Temperature (°C)
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
-50
-25
0
25
50
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com