Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLL Datasheet(PDF) 4 Page - Integrated Device Technology

Part # XLL
Description  Frequency range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLL Datasheet(HTML) 4 Page - Integrated Device Technology

  XLL Datasheet HTML 1Page - Integrated Device Technology XLL Datasheet HTML 2Page - Integrated Device Technology XLL Datasheet HTML 3Page - Integrated Device Technology XLL Datasheet HTML 4Page - Integrated Device Technology XLL Datasheet HTML 5Page - Integrated Device Technology XLL Datasheet HTML 6Page - Integrated Device Technology XLL Datasheet HTML 7Page - Integrated Device Technology XLL Datasheet HTML 8Page - Integrated Device Technology XLL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IDT XO LVDS CRYSTAL OSCILLATOR
4
REVISION B 12/10/14
XLL DATASHEET
DC Characteristics
(VDD= 2.5 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C)
* A pullup resistor from pin 6 (VDD) to pin 1 (E/D) enables output when pin 1 is left open.
AC Characteristics
(VDD= 2.5 V ± 5%, TA= - 20°C to +70°C; -40° to +85°C)
Note: Inclusive of initial frequency accuracy, operating temperature range, supply variation, load variation, 3 times solder reflow, shock, vibration and 1 year aging at 25°C. We do not
recommend hand soldering the devices
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply Current
IDD
Common Frequencies
26
65
mA
Differential Output Voltage
VOD
Standard LVDS load
0.4
V
Output Offset Voltage
VOS
Standard LVDS load
1.25
V
Enable/Disable Input HIGH Voltage
(Output enabled)*
VIH
70%VDD
V
Enable/Disable Input LOW Voltage
(Output disabled)
VIL
30%VDD
V
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Frequency Range
FOUTR
0.750
1000
MHz
Frequency Stability
Temperature = -20°C to +70°C
±20
±100
ppm
Temperature = -40°C to +85°C
±25
±100
ppm
Output Load
Differential
100
Ohms
Start-up Time
TST
Output valid time after VDD meets
minimum specified level
10
ms
Output Rise Time
20% to 80% VPP
400
ps
Output Fall Time
80% to 20% VPP
400
ps
Output Clock Duty Cycle
TDTCY
50%VP-P
45
55
%
Output Enable/ Disable Time
TOE
100
ns
Period Jitter, RMS
JPER
Frequency = 156.25MHz
4.0
ps
Random Jitter
RJ
Frequency = 156.25MHz
Per MJSQ spec (Methodologies for
Jitter and Signal Quality specifications)
1.4
ps
Deterministic Jitter
DJ
9.2
ps
Total Jitter
TJ
29.2
ps
Phase Jitter (12kHz – 20MHz)
JITTER
Frequency = 156.25MHz
1.04
ps
Phase Noise Performance
Frequency = 156.25MHz
NOISE
100Hz of Carrier
-83
dBc/Hz
1kHz of Carrier
-105
dBc/Hz
10kHz of Carrier
-113
dBc/Hz
100kHz of Carrier
-119
dBc/Hz
1MHz of Carrier
-137
dBc/Hz
10MHz of Carrier
-146
dBc/Hz
Output Frequency (Standards)
FOUT
100MHz, 106.25MHz, 1258MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz,
212.5MHz, 250MHz, 300MHz, 312.5MHZ, 400MHz
(Contact IDT for additional frequencies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com