Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLL Datasheet(PDF) 12 Page - Integrated Device Technology

Part # XLL
Description  Frequency range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLL Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button XLL Datasheet HTML 5Page - Integrated Device Technology XLL Datasheet HTML 6Page - Integrated Device Technology XLL Datasheet HTML 7Page - Integrated Device Technology XLL Datasheet HTML 8Page - Integrated Device Technology XLL Datasheet HTML 9Page - Integrated Device Technology XLL Datasheet HTML 10Page - Integrated Device Technology XLL Datasheet HTML 11Page - Integrated Device Technology XLL Datasheet HTML 12Page - Integrated Device Technology XLL Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
IDT XO LVDS CRYSTAL OSCILLATOR
12
REVISION B 12/10/14
XLL DATASHEET
Ordering Information
* See table or contact IDT for custom frequencies
Revision History
Rev.
Date
Originator
Description of Change
A
12/10/14
B. Chandhoke
Initial release.
XL L
5
3
5
FREQUENCY JS6
I
8
L = LVDS
P = LVPECL
2 = 2.5V
3 = 3.3V
0 = 100ppm
5 = 50ppm
6 = 25ppm
8 = 20ppm
000.750~
1350.000*
(in MHz)
JX6 =
3.2x2.5mm
JS6 =
5x3.2mm
JU6 =
7x5mm
X = -20 to +70°C
I = -40 to +85°C
Blank = Cut-Tape
8 = Tape & Reel
3 = 3.2x2.5mm
5 = 5x3.2mm
7 = 7x5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com