Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6607 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6607
Description  Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6607 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6607 Datasheet HTML 1Page - Maxim Integrated Products MAX6607 Datasheet HTML 2Page - Maxim Integrated Products MAX6607 Datasheet HTML 3Page - Maxim Integrated Products MAX6607 Datasheet HTML 4Page - Maxim Integrated Products MAX6607 Datasheet HTML 5Page - Maxim Integrated Products MAX6607 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Detailed Description
The MAX6607/MAX6608 analog output temperature
sensors’ output voltage is a linear function of its die
temperature. The slope of the output voltage is
10mV/°C, and there is a 500mV offset at 0°C to allow
measurement of negative temperatures. The maximum
supply current is 15
µA, and the supply voltage range is
from +1.8V to +3.6V for the -20°C to +85°C tempera-
ture range.
Transfer Function
The temperature-to-voltage transfer function has an
approximately linear positive slope and can be
described by the equation:
VOUT = 500mV + (T ✕ 10mV/
°C)
where T is the die temperature of the MAX6607/
MAX6608 in
°C.
Therefore:
T (
°C) = (VOUT - 500mV) / 10mV/°C
Applications Information
Sensing Circuit Board and
Ambient Temperatures
Temperature sensor ICs like the MAX6607/MAX6608
that sense their own die temperatures must be mount-
ed on, or close to, the object whose temperature they
are intended to measure. Because there is a good ther-
mal path between the package’s metal leads and the
IC die, the MAX6607/MAX6608 can accurately measure
the temperature of the circuit board to which it is sol-
dered. If the sensor is intended to measure the tempera-
ture of a heat-generating component on the circuit board,
it should be mounted as close as possible to that compo-
nent and should share supply and ground traces (if they
are not noisy) with that component where possible. This
maximizes the heat transfer from the component to the
sensor.
The thermal path between the plastic package and the
die is not as good as the path through the leads, so the
MAX6607/MAX6608, like all temperature sensors in plas-
tic packages, are less sensitive to the temperature of the
surrounding air than they are to the temperature of their
leads. They can be successfully used to sense ambient
temperature if the circuit board is designed to track the
ambient temperature.
As with any IC, the wiring and circuits must be kept insu-
lated and dry to avoid leakage and corrosion, especially if
the part is operated at cold temperatures where conden-
sation can occur.
The error introduced by the part self-heating is negligible.
Chip Information
TRANSISTOR COUNT: 111
PROCESS: BiCMOS
Low-Voltage Analog Temperature Sensors
in SC70 and SOT23 Packages
4
_______________________________________________________________________________________
Pin Description
PIN
SC70
SOT23
NAME
FUNCTION
1
5
OUT
Temperature Sensor Output
2
1
N.C.
Not Connected
3
3
A
Must be connected to GND.
44
VCC
Supply Input. Decouple with
a 0.1
µF capacitor to GND.
5
2
GND
Ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com