Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6607 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6607
Description  Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6607 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6607 Datasheet HTML 1Page - Maxim Integrated Products MAX6607 Datasheet HTML 2Page - Maxim Integrated Products MAX6607 Datasheet HTML 3Page - Maxim Integrated Products MAX6607 Datasheet HTML 4Page - Maxim Integrated Products MAX6607 Datasheet HTML 5Page - Maxim Integrated Products MAX6607 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX6607/MAX6608 precision, low-voltage, analog
output temperature sensors are available in 5-pin SC70
and SOT23 packages. The devices have a +1.8V to
+3.6V supply voltage range and 8µA supply current
over the -20
°C to +85°C temperature range. Accuracy
is ±0.6°C (typ) from TA = +20
°C to +50°C and is
±0.7
°C (typ) from TA = 0°C to +70°C.
The MAX6607/MAX6608 output voltage depends on its
die temperature and has a slope of 10mV/
°C and an
offset of 500mV at 0
°C.
________________________Applications
Cellular Phones
Digital Cameras
Battery Packs
Portable Equipment
GPS Equipment
Features
o Operate Down to 1.8V Supply
o Low Current Consumption (15µA max)
o Small SC70 and SOT23 Packages
o ±2.0°C (max) Accuracy from +20°C to +50°C
o Optimized to Drive Capacitive Loads Up to
1000pF
Low-Voltage Analog Temperature Sensors
in SC70 and SOT23 Packages
________________________________________________________________ Maxim Integrated Products
1
OUT
GND
1nF
GND
GND
ADC IN
VCC
VCC
A
VCC
µC
MAX6607
MAX6608
CS = 0.2
µF
Typical Application Circuit
19-2040; Rev 1; 6/01
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX6607IXK-T
-20
°C to +85°C
5-SC70-5
MAX6608IUK-T
-20
°C to +85°C
5-SOT23-5
Pin Configurations
OUT
VCC
A
15
GND
N.C.
MAX6607
SC70
TOP VIEW
2
34
N.C.
VCC
A
15
OUT
GND
MAX6608
SOT23
2
34
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6607

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MAX660 NSC-MAX660 Datasheet
259Kb / 11P
Switched Capacitor Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
MAX660 MAXIM-MAX660 Datasheet
678Kb / 4P
High-Frequency Developers Kit for
Rev 1; 2/10
logo
Texas Instruments
MAX660 TI2-MAX660 Datasheet
1Mb / 29P
MAX660 Switched Capacitor Voltage Converter
REVISED MAY 2017
logo
Maxim Integrated Produc...
MAX66000 MAXIM-MAX66000 Datasheet
288Kb / 21P
ISO/IEC 14443 Type B-Compliant 64-Bit UID Supports AFI and CID Function
Rev 0; 1/11
More results

Similar Description - MAX6607

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV.0
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613 Datasheet
114Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03
MAX6672 MAXIM-MAX6672 Datasheet
125Kb / 6P
PWM Output Temperature Sensors in SC70 Packages
Rev 0; 10/02
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6613 MAXIM-MAX6613_10 Datasheet
119Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 3; 12/10
MAX6613 MAXIM-MAX6613_V01 Datasheet
641Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
MAX6672 MAXIM-MAX6672_V01 Datasheet
1Mb / 7P
PWM Output Temperature Sensors in SC70 Packages
2014
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
Tiny SC70-5 /SOT23-5 Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com