Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3846L-S16W-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3846L-S16W-R
Description  CURRENT MODE PWM CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3846L-S16W-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3846L-S16W-R Datasheet HTML 1Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 2Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 3Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 4Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 5Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 6Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 7Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 8Page - Unisonic Technologies UC3846L-S16W-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3846
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 9
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-061. C
CURRENT MODE PWM
CONTROLLER
DESCRIPTION
The UTC UC3846 control IC offers all necessary features for
accomplishment of fixed frequency, current mode control functions,
however it contains the least external parts. The performance of this
technique is superior to the others in better line regulation,
enhanced load response characteristics while designing a simpler
and easier control loop for design. It owns topological advantages of
inherent pulse-by-pulse current limiting, automatic symmetry
correction for push-pull converters, and the ability to parallel “power
modules" for equal current sharing.
Protection loop includes soft start, built-in under-voltage lockout
and programmable current limit. The shutdown
circuitry can
provide either a complete shutdown with automatic restart or the
supply off-latch.
In addition, many other features can also be available, including
fully latched operation, double pulse suppression, deadline adjust,
and a ±1% trimmed bandgap reference.
The UTC UC3846 features low outputs in the OFF state.
FEATURES
DIP-16
SOP-16
SOP-16W
* Built-in under-voltage lockout
* Soft start
* Shutdown function
* 500kHZ operation
* Feed forward compensation
* ±1% bandgap reference
* Programmable pulse-by-pulse current limiting
* Improved load response characteristics
* Parallel operation capability for modular power systems
* Differential current sense amplifier with wide common mode
range
* Double pulse suppression
* 500mA (Peak) totem-pole outputs
* Automatic symmetry correction in push-pull configuration
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC3846L-D16-T
UC3846G-D16-T
DIP-16
Tube
UC3846L-S16-T
UC3846G-S16-T
SOP-16
Tube
UC3846L-S16-R
UC3846G-S16-R
SOP-16
Tape Reel
UC3846L-S16W-T
UC3846G-S16W-T
SOP-16W
Tube
UC3846L-S16W-R
UC3846G-S16W-R
SOP-16W
Tape Reel


Similar Part No. - UC3846L-S16W-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3846L-S16W-R UTC-UC3846L-S16W-R Datasheet
331Kb / 9P
CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3846L-S16W-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com