Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC33063AG-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UC33063AG-S08-R
Description  DC TO DC CONVERTER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC33063AG-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UC33063AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UC33063A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R103-044.C
VOLTAGE INVERTING CONVERTER
Test
Conditions
Results
Line Regulation
VIN = 4.5V ~ 6.0V, IOUT = 100mA
3.0mV = ±0.012%
Load Regulation
VIN = 5.0V, IOUT = 10mA ~ 100mA
0.022V = ±0.09%
Output Ripple
VIN = 5.0V, IOUT = 100mA
500mVp-p
Short Circuit Current
VIN = 5.0V, RL = 0.1Ω
910mA
Efficiency
VIN = 5.0V, IOUT = 100mA
62.2%
Output Ripple With Optional Filter
VIN = 5.0V, IOUT = 100mA
70mVp-p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com