Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC33063AG-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC33063AG-S08-R
Description  DC TO DC CONVERTER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC33063AG-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UC33063AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 6Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 7Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 8Page - Unisonic Technologies UC33063AG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UC33063A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R103-044.C
TYPICAL CHARACTERISTICS
Emitter Follower Configuration Output
Saturation Voltage versus Emitter Current
Emitter Current, IE (A)
Common Emitter Configuration Output Switch
Saturation Voltage versus Coilector Current
Emitter Current, IE (A)
VCC = 5.0V
Pin 1,7,8 = VCC
Pin 3,5 = GND
TA = 25°С
0.8
0.6
0.4
0.2
1.0 1.2 1.4 1.6
0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0.8
0.6
0.4
0.2
1.0 1.2 1.4 1.5
0.1
0
0.4
0.6
1.0
1.4
VCC = 5.0V
Pin 7 = VCC
Pin 2,3,5 = GND
TA = 25°С
0.2
0.8
1.2
Darlington
Connection
Forced β = 20
Current Limit Sense Voltage versus
Temperature
Ambient Temperaurent, TA (°С)
Standby Supply Current versus
Supply Voltage
Supply Voltage, VCC (V)
25
-25
50
75
100 125
-55
200
220
260
280
300
320
340
380
400
20
15
10
525
30
35
40
0
0
0.4
1.2
1.6
2.4
2.8
3.6
CT = 1.0nF
Pin 7 = VCC
Pin 2 = GND
0.8
2.0
3.2
VCC = 5.0V
ICHG = dischg
0
360
240



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com